Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5529IPN Datasheet (PDF) - Texas Instruments

MSP430F5529IPN Datasheet PDF - Texas Instruments
Part # MSP430F5529IPN
Download  MSP430F5529IPN Download
File Size   4359.29 Kbytes
Page   145 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers

MSP430F5529IPN Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F5529IPN Datasheet PDF - Texas Instruments

Part # MSP430F5529IPN
Download  MSP430F5529IPN Click to download

File Size   4359.29 Kbytes
Page   145 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers

MSP430F5529IPN Datasheet (HTML) - Texas Instruments


MSP430F5529IPN Product details

1 Features
• Low supply voltage range:
3.6 V down to 1.8 V
• Ultra-low power consumption
– Active mode (AM):
• All system clocks active:
– 290 μA/MHz at 8 MHz, 3.0 V, flash
program execution (typical)
– 150 μA/MHz at 8 MHz, 3.0 V, RAM
program execution (typical)
– Standby mode (LPM3):
• Real-time clock (RTC) with crystal,
watchdog, and supply supervisor
operational, full RAM retention, fast wakeup:
– 1.9 μA at 2.2 V, 2.1 μA at 3.0 V (typical)
• Low-power oscillator (VLO), generalpurpose
counter, watchdog, and supply
supervisor operational, full RAM retention,
fast wakeup:
– 1.4 μA at 3.0 V (typical)
– Off mode (LPM4):
• Full RAM retention, supply supervisor
operational, fast wakeup:
– 1.1 μA at 3.0 V (typical)
– Shutdown mode (LPM4.5):
• 0.18 μA at 3.0 V (typical)
• Wake up from standby mode in 3.5 μs (typical)
• 16-bit RISC architecture, extended memory, up to
25-MHz system clock
• Flexible power-management system
– Fully integrated LDO with programmable
regulated core supply voltage
– Supply voltage supervision, monitoring, and
brownout
• Unified clock system
– FLL control loop for frequency stabilization
– Low-power low-frequency internal clock source
(VLO)
– Low-frequency trimmed internal reference
source (REFO)
– 32-kHz watch crystals (XT1)
– High-frequency crystals up to 32 MHz (XT2)
• 16-bit timer TA0, Timer_A with five capture/
compare registers
• 16-bit timer TA1, Timer_A with three capture/
compare registers
• 16-bit timer TA2, Timer_A with three capture/
compare registers
• 16-bit timer TB0, Timer_B with seven capture/
compare shadow registers
• Two universal serial communication interfaces
(USCIs)
– USCI_A0 and USCI_A1 each support:
• Enhanced UART supports automatic baudrate
detection
• IrDA encoder and decoder
• Synchronous SPI
– USCI_B0 and USCI_B1 each support:
• I2C
• Synchronous SPI
• Full-speed universal serial bus (USB)
– Integrated USB-PHY
– Integrated 3.3-V and 1.8-V USB power system
– Integrated USB-PLL
– Eight input and eight output endpoints
• 12-bit analog-to-digital converter (ADC)
(MSP430F552x only) with internal reference,
sample-and-hold, and autoscan features
• Comparator
• Hardware multiplier supports 32-bit operations
• Serial onboard programming, no external
programming voltage needed
• 3-channel internal DMA
• Basic timer with RTC feature
• Development tools and software (also see Tools
and Software)
– LaunchPad™ development kit
(MSP‑EXP430F5529LP)
– MSP430F5529 experimenter’s board
(MSP‑EXP430F5529)
– 80-pin target development board
(MSP‑TS430PN80USB)
– 64-pin target development board
(MSP‑TS430RGC64USB)
– USB developers package
(MSP430USBDEVPACK)
– MSP430Ware™ code examples
• Device Comparison summarizes the available
family members

2 Applications
• Analog and digital sensor systems
• Data loggers
• Connection to USB hosts

3 Description
The Texas Instruments MSP430F55xx microcontrollers (MCUs) are part of the MSP430™ system control &
communication family of ultra-low-power microcontrollers consists of several devices featuring peripheral sets
targeted for a variety of applications. The architecture, combined with extensive low-power modes, is optimized
to achieve extended battery life in portable measurement applications. The microcontroller features a powerful
16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency. The
digitally controlled oscillator (DCO) allows the devices to wake up from low-power modes to active mode in 3.5
μs (typical).
The MSP430F5529, MSP430F5527, MSP430F5525, and MSP430F5521 microcontrollers have integrated USB
and PHY supporting USB 2.0, four 16-bit timers, a high-performance 12-bit analog-to-digital converter (ADC),
two USCIs, a hardware multiplier, DMA, an RTC module with alarm capabilities, and 63 I/O pins. The
MSP430F5528, MSP430F5526, MSP430F5524, and MSP430F5522 microcontrollers include all of these
peripherals but have 47 I/O pins.
The MSP430F5519, MSP430F5517, and MSP430F5515 microcontrollers have integrated USB and PHY
supporting USB 2.0, four 16-bit timers, two USCIs, a hardware multiplier, DMA, an RTC module with alarm
capabilities, and 63 I/O pins. The MSP430F5514 and MSP430FF5513 microcontrollers include all of these
peripherals but have 47 I/O pins.
Typical applications include analog and digital sensor systems, data loggers, and others that require connectivity
to various USB hosts.
The MSP430F55xx MCUs are supported by an extensive hardware and software ecosystem with reference
designs and code examples to get your design started quickly. Development kits include the MSP430F5529 USB
LaunchPad™ development kit and the MSP430F5529 experimenter’s board as well as the MSPTS430PN80USB
80-pin target development board and the MSP-TS430RGC64USB 64-pin target development
board. TI also provides free MSP430Ware™ software, which is available as a component of Code Composer
Studio™ IDE desktop and cloud versions within TI Resource Explorer. The MSP430 MCUs are also supported by
extensive online collateral, training, and online support through the TI E2E™ support forum.
For complete module descriptions, see the MSP430F5xx and MSP430F6xx Family User's Guide.




Similar Part No. - MSP430F5529IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5529IPN TI-MSP430F5529IPN Datasheet
1Mb / 115P
MIXED SIGNAL MICROCONTROLLER
MSP430F5529IPN TI-MSP430F5529IPN Datasheet
1Mb / 115P
MIXED SIGNAL MICROCONTROLLER
MSP430F5529IPN TI-MSP430F5529IPN Datasheet
1Mb / 119P
MIXED SIGNAL MICROCONTROLLER
MSP430F5529IPN TI1-MSP430F5529IPN Datasheet
2Mb / 128P
Mixed-Signal Microcontrollers
MSP430F5529IPN TI1-MSP430F5529IPN Datasheet
2Mb / 128P
Mixed-Signal Microcontrollers
More results


Similar Description - MSP430F5529IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
MSP430F5529 TI-MSP430F5529_V01 Datasheet
4Mb / 139P
MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com