Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2X52 Datasheet (PDF) - Texas Instruments

MSP430G2X52 Datasheet PDF - Texas Instruments
Part # MSP430G2X52
Download  MSP430G2X52 Download
File Size   1793.31 Kbytes
Page   77 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430G2X52 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430G2X52 Datasheet PDF - Texas Instruments

Part # MSP430G2X52
Download  MSP430G2X52 Click to download

File Size   1793.31 Kbytes
Page   77 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430G2X52 Datasheet (HTML) - Texas Instruments


MSP430G2X52 Product details

1FEATURES
23• Low Supply Voltage Range: 1.8 V to 3.6 V
• Ultra-Low Power Consumption
– Active Mode: 220 μA at 1 MHz, 2.2 V
– Standby Mode: 0.5 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Ultra-Fast Wake-Up From Standby Mode in
Less Than 1 μs
• 16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
• Basic Clock Module Configurations
– Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies
– Internal Very-Low-Power Low-Frequency
(LF) Oscillator
– 32-kHz Crystal
– External Digital Clock Source
• One 16-Bit Timer_A With Three
Capture/Compare Registers
• Up to 16 Capacitive-Touch Enabled I/O Pins
• Universal Serial Interface (USI) Supporting SPI
and I2C
• 10-Bit 200-ksps Analog-to-Digital (A/D)
Converter With Internal Reference, Sampleand-
Hold, and Autoscan (MSP430G2x52 Only)
• On-Chip Comparator for Analog
• Brownout Detector
• Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
• On-Chip Emulation Logic With Spy-Bi-Wire
Interface
• Family Members are Summarized in Table 1
• Package Options
– TSSOP: 14 Pin, 20 Pin
– PDIP: 20 Pin
– QFN: 16 Pin
• For Complete Module Descriptions, See the
MSP430x2xx Family User’s Guide (SLAU144)

DESCRIPTION
The Texas Instruments MSP430™ family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1 μs.
The MSP430G2x52 and MSP430G2x12 series of microcontrollers are ultra-low-power mixed signal
microcontrollers with built-in 16-bit timers, and up to 16 I/O capacitive-touch enabled pins and built-in
communication capability using the universal serial communication interface and have a versatile analog
comparator. The MSP430G2x52 series have a 10-bit A/D converter. For configuration details see Table 1.
Typical applications include low-cost sensor systems that capture analog signals, convert them to digital values,
and then process the data for display or for transmission to a host system.




Similar Part No. - MSP430G2X52

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2X52 TI-MSP430G2X52 Datasheet
1,019Kb / 58P
MIXED SIGNAL MICROCONTROLLER
MSP430G2X52 TI1-MSP430G2X52 Datasheet
1Mb / 62P
MIXED SIGNAL MICROCONTROLLER
DECEMBER2011
MSP430G2X52 TI1-MSP430G2X52 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430G2X52_1112 TI1-MSP430G2X52_1112 Datasheet
1Mb / 62P
MIXED SIGNAL MICROCONTROLLER
DECEMBER2011
MSP430G2X52 TI1-MSP430G2X52_14 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430G2X52

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com