Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430AFE253IPWRG4 Datasheet (PDF) - Texas Instruments

MSP430AFE253IPWRG4 Datasheet PDF - Texas Instruments
Part # MSP430AFE253IPWRG4
Download  MSP430AFE253IPWRG4 Download
File Size   1372.96 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430AFE2x3, MSP430AFE2x2, MSP430AFE2x1 Mixed-Signal Microcontrollers

MSP430AFE253IPWRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430AFE253IPWRG4 Datasheet PDF - Texas Instruments

Part # MSP430AFE253IPWRG4
Download  MSP430AFE253IPWRG4 Click to download

File Size   1372.96 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430AFE2x3, MSP430AFE2x2, MSP430AFE2x1 Mixed-Signal Microcontrollers

MSP430AFE253IPWRG4 Datasheet (HTML) - Texas Instruments


MSP430AFE253IPWRG4 Product details

1.1 Features 1
• Low Supply Voltage Range: 1.8 V to 3.6 V
• Ultra-Low Power Consumption
– Active Mode: 220 μA at 1 MHz, 2.2 V
– Standby Mode: 0.5 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Ultra-Fast Wake-up From Standby Mode in Less
Than 1 μs
• 16-Bit RISC Architecture, up to 12-MHz System
Clock
• Basic Clock Module Configurations
– Internal Frequencies up to 12 MHz With Two
Calibrated Frequencies
– Internal Very-Low-Power Low-Frequency (LF)
Oscillator
– High-Frequency (HF) Crystal up to 16 MHz
– Resonator
– External Digital Clock Source
• Up to Three 24-Bit Sigma-Delta Analog-to-Digital
Converters (ADCs) With Differential PGA Inputs
• 16-Bit Timer_A With Three Capture/Compare
Registers
• Serial Communication Interface (USART),
Asynchronous UART or Synchronous SPI
Selectable by Software
• 16-Bit Hardware Multiplier
• Brownout Detector
• Supply Voltage Supervisor and Monitor With
Programmable Level Detection
• Serial Onboard Programming, No External
Programming Voltage Needed Programmable
Code Protection by Security Fuse
• On-Chip Emulation Module
• Device Comparison Summarizes the Available
Family Members
• For Complete Module Descriptions, See the
MSP430x2xx Family User's Guide

1.2 Applications
• Single-Phase Electricity Meters
• Digital Power Monitoring
• Sensor Applications

1.3 Description
The TI MSP family of ultra-low-power microcontrollers consists of several devices featuring different sets
of peripherals targeted for various applications. The architecture, combined with five low-power modes, is
optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from low-power modes to
active mode in less than 1 μs.
The MSP430AFE2x3 devices are ultra-low-power mixed signal microcontrollers integrating three
independent 24-bit sigma-delta ADCs, one 16-bit timer, one 16-bit hardware multiplier, USART
communication interface, watchdog timer, and 11 I/O pins.
The MSP430AFE2x2 devices are identical to the MSP430AFE2x3, except that there are only two 24-bit
sigma-delta ADCs integrated.
The MSP430AFE2x1 devices are identical to the MSP430AFE2x3, except that there is only one 24-bit
sigma-delta ADC integrated.




Similar Part No. - MSP430AFE253IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430AFE253IPWR TI-MSP430AFE253IPWR Datasheet
905Kb / 47P
MIXED SIGNAL MICROCONTROLLER
MSP430AFE253IPWR TI1-MSP430AFE253IPWR Datasheet
916Kb / 47P
MIXED SIGNAL MICROCONTROLLER
MSP430AFE253IPWR TI1-MSP430AFE253IPWR Datasheet
1Mb / 50P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430AFE253IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com