Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2132IPWR Datasheet (PDF) - Texas Instruments

MSP430F2132IPWR Datasheet PDF - Texas Instruments
Part # MSP430F2132IPWR
Download  MSP430F2132IPWR Download
File Size   2044.29 Kbytes
Page   83 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F2132IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F2132IPWR Datasheet PDF - Texas Instruments

Part # MSP430F2132IPWR
Download  MSP430F2132IPWR Click to download

File Size   2044.29 Kbytes
Page   83 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F2132IPWR Datasheet (HTML) - Texas Instruments


MSP430F2132IPWR Product details

1FEATURES
2• Low Supply Voltage Range: 1.8 V to 3.6 V
• Ultra-Low Power Consumption
– Active Mode: 250 μA at 1 MHz, 2.2 V
– Standby Mode: 0.7 μA
– Off Mode (RAM Retention): 0.1 μA
• Ultra-Fast Wake-Up From Standby Mode in
Less Than 1 μs
• 16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
• Basic Clock Module Configurations
– Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
– Internal Very-Low-Power Low-Frequency
Oscillator
– 32-kHz Crystal
– High-Frequency (HF) Crystal up to 16 MHz
– Resonator
– External Digital Clock Source
– External Resistor
• 16-Bit Timer0_A3 With Three Capture/Compare
Registers
• 16-Bit Timer1_A2 With Two Capture/Compare
Registers
• On-Chip Comparator for Analog Signal
Compare Function or Slope Analog-to-Digital
(A/D) Conversion
• 10-Bit 200-ksps A/D Converter With Internal
Reference, Sample-and-Hold, Autoscan, and
Data Transfer Controller
• Universal Serial Communication Interface
– Enhanced UART Supporting Auto-Baudrate
Detection (LIN)
– IrDA Encoder and Decoder
– Synchronous SPI
– I2C™
• Brownout Detector
• Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Code Protection by Security Fuse
• Bootstrap Loader
• On-Chip Emulation Module
• Family Members Include:
– MSP430F2132
– 8KB + 256B Flash Memory
– 512B RAM
– MSP430F2122
– 4KB + 256B Flash Memory
– 512B RAM
– MSP430F2112
– 2KB + 256B Flash Memory
– 256B RAM
• Available in 28-Pin TSSOP (PW) and 32-Pin
QFN (RHB or RTV) Packages (See Table 1)
• For Complete Module Descriptions, See the
MSP430x2xx Family User's Guide, Literature
Number SLAU144

DESCRIPTION
The Texas Instruments MSP430™ family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1 μs.
The MSP430F21x2 series is an ultra-low-power microcontroller with two built-in 16-bit timers, a fast 10-bit A/D
converter with integrated reference and a data transfer controller (DTC), a comparator, built-in communication
capability using the universal serial communication interface, and up to 24 I/O pins.




Similar Part No. - MSP430F2132IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2132IPWR TI-MSP430F2132IPWR Datasheet
1Mb / 77P
MIXED SIGNAL MICROCONTROLLER
MSP430F2132IPWR TI1-MSP430F2132IPWR Datasheet
1Mb / 80P
MIXED SIGNAL MICROCONTROLLER
MSP430F2132IPWR TI2-MSP430F2132IPWR Datasheet
2Mb / 83P
MIXED SIGNAL MICROCONTROLLER
REVISED JANUARY 2012
MSP430F2132IPWR.A TI2-MSP430F2132IPWR.A Datasheet
2Mb / 83P
MIXED SIGNAL MICROCONTROLLER
REVISED JANUARY 2012
More results


Similar Description - MSP430F2132IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com