Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IRSAT.A Datasheet (PDF) - Texas Instruments

MSP430F2002IRSAT.A Datasheet PDF - Texas Instruments
Part # MSP430F2002IRSAT.A
Download  MSP430F2002IRSAT.A Download
File Size   2355.37 Kbytes
Page   102 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F2002IRSAT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F2002IRSAT.A Datasheet PDF - Texas Instruments

Part # MSP430F2002IRSAT.A
Download  MSP430F2002IRSAT.A Click to download

File Size   2355.37 Kbytes
Page   102 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F2002IRSAT.A Datasheet (HTML) - Texas Instruments


MSP430F2002IRSAT.A Product details

1FEATURES
• Low Supply Voltage Range 1.8 V to 3.6 V
• Ultra-Low Power Consumption
– Active Mode: 220 μA at 1 MHz, 2.2 V
– Standby Mode: 0.5 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Ultra-Fast Wake-Up From Standby Mode in
Less Than 1 μs
• 16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
• Basic Clock Module Configurations:
– Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
– Internal Very Low-Power Low-Frequency
Oscillator
– 32-kHz Crystal
– External Digital Clock Source
• 16-Bit Timer_A With Two Capture/Compare
Registers
• On-Chip Comparator for Analog Signal
Compare Function or Slope A/D
(MSP430F20x1)
• 10-Bit 200-ksps A/D Converter With Internal
Reference, Sample-and-Hold, and Autoscan
(MSP430F20x2)
• 16-Bit Sigma-Delta A/D Converter With
Differential PGA Inputs and Internal Reference
(MSP430F20x3)
• Universal Serial Interface (USI) Supporting SPI
and I2C (MSP430F20x2 and MSP430F20x3)
• Brownout Detector
• Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Code Protection by Security Fuse
• On-Chip Emulation Logic With Spy-Bi-Wire
Interface
• Family Members:
– MSP430F2001
– 1KB + 256B Flash Memory
– 128B RAM
– MSP430F2011
– 2KB + 256B Flash Memory
– 128B RAM
– MSP430F2002
– 1KB + 256B Flash Memory
– 128B RAM
– MSP430F2012
– 2KB + 256B Flash Memory
– 128B RAM
– MSP430F2003
– 1KB + 256B Flash Memory
– 128B RAM
– MSP430F2013
– 2KB + 256B Flash Memory
– 128B RAM
• Available in 14-Pin Plastic Small-Outline Thin
Package (TSSOP), 14-Pin Plastic Dual Inline
Package (PDIP), and 16-Pin QFN
• For Complete Module Descriptions, See the
MSP430x2xx Family User's Guide (SLAU144)

DESCRIPTION
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1 μs.
The MSP430F20xx series is an ultra-low-power mixed signal microcontroller with a built-in 16-bit timer and ten
I/O pins. In addition, the MSP430F20x1 has a versatile analog comparator. The MSP430F20x2 and
MSP430F20x3 have built-in communication capability using synchronous protocols (SPI or I2C) and a 10-bit A/D
converter (MSP430F20x2) or a 16-bit sigma-delta A/D converter (MSP430F20x3).




Similar Part No. - MSP430F2002IRSAT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2002IRSAT TI-MSP430F2002IRSAT Datasheet
2Mb / 88P
MIXED SIGNAL MICROCONTROLLER
MSP430F2002IRSAT TI-MSP430F2002IRSAT Datasheet
1Mb / 91P
MIXED SIGNAL MICROCONTROLLER
MSP430F2002IRSAT TI-MSP430F2002IRSAT Datasheet
1Mb / 92P
MIXED SIGNAL MICROCONTROLLER
MSP430F2002IRSAT TI1-MSP430F2002IRSAT Datasheet
1Mb / 92P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F2002IRSAT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com