Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2272-Q1 Datasheet (PDF) - Texas Instruments

MSP430F2272-Q1 Datasheet PDF - Texas Instruments
Part # MSP430F2272-Q1
Download  MSP430F2272-Q1 Download
File Size   2176.2 Kbytes
Page   98 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F2272-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F2272-Q1 Datasheet PDF - Texas Instruments

Part # MSP430F2272-Q1
Download  MSP430F2272-Q1 Click to download

File Size   2176.2 Kbytes
Page   98 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F2272-Q1 Datasheet (HTML) - Texas Instruments


MSP430F2272-Q1 Product details

1FEATURES
23• Low Supply Voltage Range: 1.8 V to 3.6 V
• Ultra-Low Power Consumption
– Active Mode: 270 μA at 1 MHz, 2.2 V
– Standby Mode: 0.7 μA
– Off Mode (RAM Retention): 0.1 μA
• Ultra-Fast Wake-Up From Standby Mode in
Less Than 1 μs
• 16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
• Basic Clock Module Configurations
– Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
– Internal Very-Low-Power Low-Frequency
Oscillator
– 32-kHz Crystal
– High-Frequency (HF) Crystal up to 16 MHz
– Resonator
– External Digital Clock Source
– External Resistor
• 16-Bit Timer_A With Three Capture/Compare
Registers
• 16-Bit Timer_B With Three Capture/Compare
Registers
• Universal Serial Communication Interface
– Enhanced UART Supporting Auto-Baudrate
Detection (LIN)
– IrDA Encoder and Decoder
– Synchronous SPI
– I2C™
• 10-Bit 200-ksps Analog-to-Digital (A/D)
Converter With Internal Reference, Sample-
and-Hold, Autoscan, and Data Transfer
Controller
• Two Configurable Operational Amplifiers
(MSP430F22x4 Only)
• Brownout Detector
• Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Code Protection by Security Fuse
• Bootstrap Loader
• On-Chip Emulation Module
• Family Members Include:
– MSP430F2232
– 8KB + 256B Flash Memory
– 512B RAM
– MSP430F2252
– 16KB + 256B Flash Memory
– 512B RAM
– MSP430F2272
– 32KB + 256B Flash Memory
– 1KB RAM
– MSP430F2234
– 8KB + 256B Flash Memory
– 512B RAM
– MSP430F2254
– 16KB + 256B Flash Memory
– 512B RAM
– MSP430F2274
– 32KB + 256B Flash Memory
– 1KB RAM
• Available in a 38-Pin Thin Shrink Small-Outline
Package (TSSOP) (DA), 40-Pin QFN Package
(RHA), and 49-Pin Ball Grid Array Package
(YFF) (See Table 1)
• For Complete Module Descriptions, See the
MSP430x2xx Family User's Guide (SLAU144)

DESCRIPTION
The Texas Instruments MSP430™ family of ultra-low-power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1 μs.
The MSP430F22x4/MSP430F22x2 series is an ultra-low-power mixed signal microcontroller with two built-in 16-
bit timers, a universal serial communication interface, 10-bit A/D converter with integrated reference and data
transfer controller (DTC), two general-purpose operational amplifiers in the MSP430F22x4 devices, and 32 I/O
pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data for display or for transmission to a host system. Stand-alone radio-frequency (RF) sensor front
ends are another area of application.




Similar Part No. - MSP430F2272-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2272-Q1 TI1-MSP430F2272-Q1 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2272-Q1 TI1-MSP430F2272-Q1 Datasheet
1Mb / 77P
Automotive Mixed-Signal Microcontrollers
MSP430F2272-Q1 TI1-MSP430F2272-Q1 Datasheet
1Mb / 94P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F2272-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com