Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318CPWR Datasheet (PDF) - Texas Instruments

MAX3318CPWR Datasheet PDF - Texas Instruments
Part # MAX3318CPWR
Download  MAX3318CPWR Download
File Size   516.05 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION

MAX3318CPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3318CPWR Datasheet PDF - Texas Instruments

Part # MAX3318CPWR
Download  MAX3318CPWR Click to download

File Size   516.05 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION

MAX3318CPWR Datasheet (HTML) - Texas Instruments


MAX3318CPWR Product details

1FEATURES
• ESD Protection for RS-232 I/O Pins
– ±15 kV (Human-Body Model)
– ±8 kV (IEC 61000-4-2, Contact Discharge)
– ±8 kV (IEC 61000-4-2, Air-Gap Discharge)
• 300-μA Operating Supply Current
• 1-μA Low-Power Standby (With Receivers
Active) Mode
• Designed to Transmit at a Data Rate of
460 kbps
• Auto-Power-Down Plus Option Features
Flexible Power-Saving Mode
• Operates From a Single 2.25-V to 3-V V CC
Supply

APPLICATIONS
• Battery-Powered Systems
• PDAs
• Cellular Phones
• Notebooks
• Hand-Held Equipment
• Pagers

DESCRIPTION
The MAX3318 is a dual-driver, dual-receiver, RS-232
compatible transceiver. The device features auto- power-down plus and enhanced electrostatic
discharge (ESD) protection integrated into the chip.
Driver output and receiver input are protected to ±8
kV using the IEC 61000-4-2 Air-Gap Discharge method, ±8 kV using the IEC 61000-4-2 Contact
Discharge method, and ±15 kV using the Human-
Body Model (HBM).
The device operates at a data rate of 460 kbps. The
transceiver has a proprietary low-dropout driver
output stage enabling RS-232-compatible operation
from a 2.25-V to 3-V supply with a dual charge pump.
The charge pump requires only four 0.1-μF
capacitors and features a logic-level output (READY)
that asserts when the charge pump is regulating and
the device is ready to begin transmitting.
The MAX3318 achieves a 1-μA supply current using
the auto-power-down feature. This device
automatically enters a low-power power-down mode
when the RS-232 cable is disconnected or the drivers
of the connected peripherals are inactive for more than 30 s. The device turns on again when it senses
a valid transition at any driver or receiver input. Auto
power down saves power without changes to the
existing BIOS or operating system.
This device is available in two space-saving
packages: 20-pin SSOP and 20-pin TSSOP.




Similar Part No. - MAX3318CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318CPWR TI-MAX3318CPWR Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318CPWR TI1-MAX3318CPWR Datasheet
776Kb / 18P
TRANSCEIVER WITH ESD PROTECTION
MAX3318CPWR TI2-MAX3318CPWR Datasheet
515Kb / 22P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
REVISED OCTOBER 2013
MAX3318CPWR.A TI2-MAX3318CPWR.A Datasheet
515Kb / 22P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION
REVISED OCTOBER 2013
MAX3318CPWRE4 TI-MAX3318CPWRE4 Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Similar Description - MAX3318CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
/- 15 kV ESD protected 5 V RS-232 transceiver
08-Feb-2008
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
logo
Texas Instruments
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com