Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F123IPW Datasheet (PDF) - Texas Instruments

MSP430F123IPW Datasheet PDF - Texas Instruments
Part # MSP430F123IPW
Download  MSP430F123IPW Download
File Size   1408.22 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F123IPW Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F123IPW Datasheet PDF - Texas Instruments

Part # MSP430F123IPW
Download  MSP430F123IPW Click to download

File Size   1408.22 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F123IPW Datasheet (HTML) - Texas Instruments


MSP430F123IPW Product details

Low Supply Voltage Range 1.8 V to 3.6 V
Ultralow-Power Consumption:
− Active Mode: 200 μA at 1 MHz, 2.2 V
− Standby Mode: 0.7 μA
− Off Mode (RAM Retention): 0.1 μA
Five Power Saving Modes
Wake-Up From Standby Mode in less
than 6 μs
16-Bit RISC Architecture, 125 ns
Instruction Cycle Time
Basic Clock Module Configurations:
− Various Internal Resistors
− Single External Resistor
− 32 kHz Crystal
− High Frequency Crystal
− Resonator
− External Clock Source
16-Bit Timer_A With Three
Capture/Compare Registers
On-Chip Comparator for Analog Signal
Compare Function or Slope A/D
Conversion
Serial Communication Interface (USART0)
Software-Selects Asynchronous UART or
Synchronous SPI
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
Family Members Include:
MSP430F122: 4KB + 256B Flash Memory
256B RAM
MSP430F123: 8KB + 256B Flash Memory
256B RAM
Available in a 28-Pin Plastic Small-Outline
Wide Body (SOWB) Package, 28-Pin Plastic
Thin Shrink Small-Outline Package
(TSSOP) and 32-Pin QFN Package
For Complete Module Descriptions, See the
MSP430x1xx Family User’s Guide,
Literature Number SLAU049

description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6μs.
The MSP430F12x series is an ultralow-power mixed signal microcontroller with a built-in 16-bit timer and
twenty-two I/O pins. The MSP430F12x series also has a built-in communication capability using asynchronous
(UART) and synchronous (SPI) protocols in addition to a versatile analog comparator.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data and display them or transmit them to a host system. Stand alone RF sensor front end is another
area of application. The I/O port inputs provide single slope A/D conversion capability on resistive sensors.




Similar Part No. - MSP430F123IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F123IPW TI-MSP430F123IPW Datasheet
463Kb / 34P
MIXED SIGNAL MICROCONTROLLER
MSP430F123IPW TI-MSP430F123IPW Datasheet
793Kb / 42P
MIXED SIGNAL MICROCONTROLLER
MSP430F123IPW TI1-MSP430F123IPW Datasheet
995Kb / 45P
MIXED SIGNAL MICROCONTROLLER
MSP430F123IPW TI1-MSP430F123IPW Datasheet
1Mb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F123IPWR TI-MSP430F123IPWR Datasheet
793Kb / 42P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F123IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com