Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA197ID Datasheet (PDF) - Texas Instruments

OPA197ID Datasheet PDF - Texas Instruments
Part # OPA197ID
Download  OPA197ID Download
File Size   2089.75 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Operational Amplifiers

OPA197ID Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA197ID Datasheet PDF - Texas Instruments

Part # OPA197ID
Download  OPA197ID Click to download

File Size   2089.75 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Operational Amplifiers

OPA197ID Datasheet (HTML) - Texas Instruments


OPA197ID Product details

1 Features
1• Low Offset Voltage: ±100 μV (Maximum)
• Low Offset Voltage Drift: ±2.5 μV/°C (Maximum)
• Low Noise: 5.5 nV/√Hz at 1 kHz
• High Common-Mode Rejection: 120 dB
(Minimum)
• Low Bias Current: ±5 pA (Typical)
• Rail-to-Rail Input and Output
• Wide Bandwidth: 10-MHz GBW
• High Slew Rate: 20 V/μs
• Low Quiescent Current: 1 mA per Amplifier
(Typical)
• Wide Supply: ±2.25 V to ±18 V, +4.5 V to +36 V
• EMI- and RFI-Filtered Inputs
• Differential Input Voltage Range to Supply Rail
• High Capacitive Load Drive Capability: 1 nF
• Industry Standard Packages:
– Single in SOIC-8, SOT-5, and VSSOP-8
– Dual in SOIC-8 and VSSOP-8
– Quad in SOIC-14 and TSSOP-14

2 Applications
• Multiplexed Data-Acquisition Systems
• Test and Measurement Equipment
• High-Resolution ADC Driver Amplifiers
• SAR ADC Reference Buffers
• Programmable Logic Controllers
• High-Side and Low-Side Current Sensing
• High Precision Comparators

3 Description
The OPAx197 family (OPA197, OPA2197, and
OPA4197) is a new generation of 36-V operational
amplifiers.
These devices offer outstanding dc precision and ac
performance, including rail-to-rail input/output, low
offset (±25 μV, typical), low offset drift (±0.25 μV/°C,
typ), and 10-MHz bandwidth.
Unique features such as differential input-voltage
range to the supply rail, high output current (±65 mA),
high capacitive load drive of up to 1 nF, and high
slew rate (20 V/μs) make the OPA197 a robust, highperformance
operational amplifier for high-voltage,
industrial applications.
The OPA197 family of op amps is available in
standard packages and is specified from –40°C to
+125°C.




Similar Part No. - OPA197ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA197ID TI1-OPA197ID Datasheet
1Mb / 41P
Operational Amplifiers
OPA197ID TI1-OPA197ID Datasheet
1Mb / 39P
36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
OPA197IDBVR TI1-OPA197IDBVR Datasheet
1Mb / 41P
Operational Amplifiers
OPA197IDBVR TI1-OPA197IDBVR Datasheet
1Mb / 39P
36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
OPA197IDBVT TI1-OPA197IDBVT Datasheet
1Mb / 41P
Operational Amplifiers
More results


Similar Description - OPA197ID

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
logo
Analog Devices
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA197 TI1-OPA197_16 Datasheet
1Mb / 39P
36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com