Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2202ID Datasheet (PDF) - Texas Instruments

OPA2202ID Datasheet PDF - Texas Instruments
Part # OPA2202ID
Download  OPA2202ID Download
File Size   2994.26 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers

OPA2202ID Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2202ID Datasheet PDF - Texas Instruments

Part # OPA2202ID
Download  OPA2202ID Click to download

File Size   2994.26 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers

OPA2202ID Datasheet (HTML) - Texas Instruments


OPA2202ID Product details

1 Features
1• Precision super-beta performance:
– Low offset voltage: 200 μV (maximum)
– Ultra-low drift: 1 μV/°C (maximum)
• Excellent efficiency:
– Quiescent current: 580 μA (typical)
– Gain-bandwidth product: 1 MHz
– Low input voltage noise: 9 nV/√Hz
• Ease of use, design simplicity:
– Heavy capacitive load drive: 5-μs settling time
with 25 nF
– Ultra-high input impedance: 3000 GΩ and
0.5 pF
– EMI hardened, thermal, and short-circuit
protection
• Stable Performance:
– High CMRR and AOL: 126 dB (minimum)
– High PSRR: 126 dB (minimum)
• Low bias current: 2 nA (maximum)
• Low 0.1-Hz to 10-Hz noise: 0.2 μVPP
• Wide supply voltage: ±2.25 V to ±18 V
• Replaces OP-07 and OP-27

2 Applications
• Data acquisition (DAQ)
• Lab and field instrumentation
• Merchant network and server PSU
• Multiparameter patient monitor
• String inverter

3 Description
The OPA202, OPA2202, and OPA4202 (OPAx202)
are a family of devices built on TI's industry-leading
precision super-beta, complementary, bipolar
semiconductor process. This process offers ultra-low
flicker noise, low offset voltage, low offset voltage
temperature drift, and excellent linearity with
common-mode and power-supply variation. These
devices offer an exceptional combination of dc
precision, heavy capacitive load drive, and protection
against external EMI, thermal, and short-circuit
events.
The supply current is 580 μA at ±18 V. The OPAx202
do not exhibit phase inversion, and the series is
stable with high capacitive loads. The OPAx202 are
fully specified with a temperature range from –40°C
to +105°C.




Similar Part No. - OPA2202ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2202ID TI-OPA2202ID Datasheet
3Mb / 50P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA2202IDGKR TI1-OPA2202IDGKR Datasheet
3Mb / 45P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA2202IDGKR TI1-OPA2202IDGKR Datasheet
3Mb / 47P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA2202IDGKR TI1-OPA2202IDGKR Datasheet
3Mb / 47P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA2202IDGKR TI1-OPA2202IDGKR Datasheet
3Mb / 48P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results


Similar Description - OPA2202ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V05 Datasheet
3Mb / 49P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V07 Datasheet
3Mb / 50P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI-OPA202_V08 Datasheet
3Mb / 50P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com