Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA227U Datasheet (PDF) - Texas Instruments

OPA227U Datasheet PDF - Texas Instruments
Part # OPA227U
Download  OPA227U Download
File Size   1853.48 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers

OPA227U Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA227U Datasheet PDF - Texas Instruments

Part # OPA227U
Download  OPA227U Click to download

File Size   1853.48 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx227, OPAx228 High-Precision, Low-Noise Operational Amplifiers

OPA227U Datasheet (HTML) - Texas Instruments


OPA227U Product details

1 Features
• Low noise: 3 nV/√Hz
• Wide bandwidth:
– OPA227: 8 MHz, 2.3 V/μs
– OPA228: 33 MHz, 10 V/μs
• Settling time: 5 μs
• High CMRR: 138 dB
• High open-loop gain: 160 dB
• Low input bias current: 10 nA maximum
• Low offset voltage: 75 μV maximum
• Wide supply range: ±2.5 V to ±18 V
• Single, dual, and quad versions

2 Applications
• Data acquisition (DAQ)
• Condition monitoring sensor
• Spectrum analyzer
• Professional audio amplifier (rack mount)
• Industrial AC-DC

3 Description
The OPAx227 and OPAx228 series operational
amplifiers combine low noise and wide bandwidth
with high precision to make them an excellent choice
for applications requiring both ac and precision dc
performance.
The OPAx227 are unity-gain stable and features high
slew rate (2.3 V/μs) and wide bandwidth (8 MHz). The
OPAx228 are optimized for closed-loop gains of 5 or
greater, and offers higher speed with a slew rate of 10
V/μs and a bandwidth of 33 MHz.
The OPAx227 and OPAx228 series operational
amplifiers are an excellent choice for professional
audio equipment. In addition, low quiescent current
and low cost make these op amps an excellent choice
for portable applications requiring high precision.
The OPAx227 and OPAx228 series operational
amplifiers are pin-for-pin replacements for the
industry-standard OP27 and OP37 with substantial
improvements across the board. The dual and quad
versions are available for space savings and perchannel
cost reduction.
The OPAx227 and OPAx228, are available in DIP-8
and SO-8 packages. The OPA4227 and OPA4228
are available in DIP-14 and SO-14 packages with
standard pin configurations. Operation is specified
from –40°C to +85°C.




Similar Part No. - OPA227U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227U BURR-BROWN-OPA227U Datasheet
738Kb / 25P
High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227U TI-OPA227U Datasheet
838Kb / 27P
High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA227U TI1-OPA227U Datasheet
1Mb / 34P
Contains all support circuitry needed for the ADS1148/ADS1248
OPA227U TI1-OPA227U Datasheet
1Mb / 46P
High Precision, Low Noise Operational Amplifiers
OPA227U TI1-OPA227U Datasheet
2Mb / 27P
Contains all support circuitry needed for the ADS1146/ADS1246
July2009
More results


Similar Description - OPA227U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
High Precision, Low Noise OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
OP27GU TI-OP27GU Datasheet
314Kb / 22P
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
High Precision, Low Noise Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com