Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA376 Datasheet (PDF) - Texas Instruments

OPA376 Datasheet PDF - Texas Instruments
Part # OPA376
Download  OPA376 Download
File Size   1753.49 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx376-Q1 Low-Noise, Low Quiescent Current, Precision e-trim™ Operational Amplifiers

OPA376 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA376 Datasheet PDF - Texas Instruments

Part # OPA376
Download  OPA376 Click to download

File Size   1753.49 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx376-Q1 Low-Noise, Low Quiescent Current, Precision e-trim™ Operational Amplifiers

OPA376 Datasheet (HTML) - Texas Instruments


OPA376 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional-Safety Capable
– Documentation available to aid functional safety
system design (OPA376-Q1 and OPA2376-Q1)
• Low noise: 7.5 nV/√Hz at 1 kHz
• 0.1-Hz to 10-Hz noise: 0.8 μVPP
• Quiescent current: 760 μA (typical)
• Low offset voltage: 5 μV (typical)
• Gain bandwidth product: 5.5 MHz
• Rail-to-rail input and output
• Single-supply operation
• Supply voltage: 2.2 V to 5.5 V
• Space-saving packages:
– SC70, SOT-23, VSSOP, TSSOP

2 Applications
• Onboard (OBC) and wireless charger
• Inverter and motor control
• DC/DC converter
• Battery management system (BMS)

3 Description
The OPAx376-Q1 family represents a new generation
of low-noise e-trim™ operational amplifiers, offering
outstanding dc precision and ac performance. Rail-torail
output, low offset (25 μV maximum), low noise
(7.5 nV/√Hz), quiescent current of 950 μA (maximum),
and a 5.5-MHz bandwidth make this device very
attractive for a variety of precision and portable
applications. In addition, this device has a reasonably
wide supply range with excellent PSRR, making the
OPA376-Q1 an excellent choice for applications that
run directly from batteries without regulation.
The OPA376-Q1 (single version) is available in
MicroSIZE SC70-5, SOT23-5, and SOIC-8 packages.
The OPA2376-Q1 (dual) is offered in the SOIC-8
and VSSOP-8 package. The OPA4376-Q1 (quad) is
offered in a TSSOP-14 package. All versions are
specified for operation from –40°C to +125°C.




Similar Part No. - OPA376

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376 TI-OPA376 Datasheet
1Mb / 30P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376 TI1-OPA376 Datasheet
1Mb / 39P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376 TI2-OPA376 Datasheet
1Mb / 36P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
REVISED MAY 2010
More results


Similar Description - OPA376

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA391 TI-OPA391_V01 Datasheet
2Mb / 36P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers
REVISED NOVEMBER 2022
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
logo
Texas Instruments
OPA391 TI-OPA391_V02 Datasheet
1Mb / 36P
OPAx391 Precision, Ultra-Low IQ, Low Offset Voltage, e-trim™ Operational Amplifiers
REVISED DECEMBER 2022
logo
Diodes Incorporated
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com