Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO3-K Datasheet (PDF) - Omega Engineering, Inc.

CO3-K Datasheet PDF - Omega Engineering, Inc.
Part # CO3-K
Download  CO3-K Download
File Size   1230.81 Kbytes
Page   1 Pages
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.
Description “Cement-On” Thermocouples

CO3-K Datasheet (PDF)

Go To PDF Page Download Datasheet
CO3-K Datasheet PDF - Omega Engineering, Inc.

Part # CO3-K
Download  CO3-K Click to download

File Size   1230.81 Kbytes
Page   1 Pages
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.
Description “Cement-On” Thermocouples

CO3-K Datasheet (HTML) - Omega Engineering, Inc.


CO3-K Product details

OMEGA introduces its CO Series Cement-On, fast
response thermocouples for fast surface temperature
measurement applications in four convenient styles.
Styles 1, 2 are made from 0.13 mm (0.005") thermocouple
alloy & Style 1-B is made from 0.18 mm (0.008" ) thick
thermocouple alloy by a special process where the butt
welded thermocouple junction are very thin and flat.
Styles 1, 1-B and 2 are flat, extremely low inertia
construction and are an ideal means of measuring the
temperature of both flat and curved metals, plastic and
ceramic surfaces where very fast response is desired.

OMEGA’s Cement-On Style 1, 1-B and 2
thermocouples are fabricated from ANSI “Special Limits
of Error” grade thermocouple materials in K, E and T
calibrations and yield accurate temperature indication
when used with standard thermocouple
instrumentation. Styles 1, 1-B 2 have the
fastest response. Style 3 is an economy
version constructed from 0.25 mm (0.010")
diameter bead welded standard limit of error
thermocouple wire. It should be used where
extremely fast response is not essential.




Similar Part No. - CO3-K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
Quad Ground Sense Operational Amplifier
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32D6 HANGJING-CO32D6 Datasheet
323Kb / 1P
OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32H4 HANGJING-CO32H4 Datasheet
428Kb / 1P
OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32P6 HANGJING-CO32P6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH LVPECL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results


Similar Description - CO3-K

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
?쏶tikonTM??thermocouples
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
logo
RFE international
SQHG RFE-SQHG Datasheet
467Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQT RFE-SQT Datasheet
462Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.24
SQZ RFE-SQZ Datasheet
463Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com