Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4388IDR Datasheet (PDF) - Texas Instruments

OPA4388IDR Datasheet PDF - Texas Instruments
Part # OPA4388IDR
Download  OPA4388IDR Download
File Size   3227.87 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers

OPA4388IDR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4388IDR Datasheet PDF - Texas Instruments

Part # OPA4388IDR
Download  OPA4388IDR Click to download

File Size   3227.87 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers

OPA4388IDR Datasheet (HTML) - Texas Instruments


OPA4388IDR Product details

1 Features
• Ultra-low offset voltage: ±0.25 μV
• Zero drift: ±0.005 μV/°C
• Zero crossover: 140-dB CMRR true RRIO
• Low noise: 7.0 nV√Hz at 1 kHz
• No 1/f noise: 140 nVPP (0.1 Hz to 10 Hz)
• Fast settling: 2 μs (1 V to 0.01%)
• Gain bandwidth: 10 MHz
• Single supply: 2.5 V to 5.5 V
• Dual supply: ±1.25 V to ±2.75 V
• True rail-to-rail input and output
• EMI/RFI filtered inputs
• Industry-standard packages:
– Single in SOIC-8, SOT-23-5, and VSSOP-8
– Dual in SOIC-8 and VSSOP-8
– Quad in SOIC-14 and TSSOP-14

2 Applications
• Merchant network and server PSU
• Notebook PC power adapter design
• Weigh scale
• Lab and field instrumentation
• Battery test
• Electronic thermometer
• Temperature transmitter

3 Description
The OPAx388 (OPA388, OPA2388, and OPA4388)
series of precision operational amplifiers are ultra-low
noise, fast-settling, zero-drift, zero-crossover devices
that provide rail-to-rail input and output operation.
These features and excellent ac performance,
combined with only 0.25 μV of offset and 0.005
μV/°C of drift over temperature, makes the OPAx388
a great choice for driving high-precision, analog-todigital
converters (ADCs) or buffering the output of
high-resolution, digital-to-analog converters (DACs).
This design results in excellent performance when
driving analog-to-digital converters (ADCs) without
degradation of linearity. The OPA388 (single version)
is available in the VSSOP-8, SOT23-5, and SOIC-8
packages. The OPA2388 (dual version) is offered in
the VSSOP-8 and SO-8 packages. The OPA4388
(quad version) is offered in the TSSOP-14 and
SO-14 packages. All versions are specified over the
industrial temperature range of –40°C to +125°C.




Similar Part No. - OPA4388IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4388IDR TI1-OPA4388IDR Datasheet
2Mb / 37P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA4388IDR TI1-OPA4388IDR Datasheet
2Mb / 45P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA4388IDR TI1-OPA4388IDR Datasheet
2Mb / 45P
OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
More results


Similar Description - OPA4388IDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
logo
Texas Instruments
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 31P
OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA186 TI1-OPA186_V01 Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com