Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA705PA.B Datasheet (PDF) - Texas Instruments

OPA705PA.B Datasheet PDF - Texas Instruments
Part # OPA705PA.B
Download  OPA705PA.B Download
File Size   401.75 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS

OPA705PA.B Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA705PA.B Datasheet PDF - Texas Instruments

Part # OPA705PA.B
Download  OPA705PA.B Click to download

File Size   401.75 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS

OPA705PA.B Datasheet (HTML) - Texas Instruments


OPA705PA.B Product details

FEATURES
RAIL-TO-RAIL INPUT AND OUTPUT
WIDE SUPPLY RANGE:
Single Supply: 4V to 12V
Dual Supplies: ±2 to ±6
LOW QUIESCENT CURRENT: 160μA
LIMITED RANGE CMRR: 96dB
LOW OFFSET: 0.5mV
HIGH SPEED: 1MHz, 0.6V/μs
MicroSIZE PACKAGES:
SOT23-5, MSOP-8, TSSOP-14
LOW INPUT BIAS CURRENT: 1pA

APPLICATIONS
AUTOMOTIVE APPLICATIONS:
Audio, Sensor Applications, Security Systems
PORTABLE EQUIPMENT
ACTIVE FILTERS
TRANSDUCER AMPLIFIER
TEST EQUIPMENT
DATA ACQUISITION

DESCRIPTION
The OPA705 series low-cost op amps are optimized for applications
requiring rail-to-rail input and output swing. Single,
dual, and quad versions are offered in a variety of packages.
While the quiescent current is less than 200μA per amplifier,
the OPA705 still offers excellent dynamic performance
(1MHz GBW and 0.6V/μs SR) and unity-gain stability.
The OPA705 series is fully specified and guaranteed over
the supply range of ±2V to ±6V. Input swing extends
300mV beyond the rail and the output swings to within
40mV of the rail.
The single version (OPA705) is available in the MicroSIZE
SOT23-5 and in the standard SO-8 surface-mount packages.
The dual version (OPA2705) is available in the MSOP-8,
SO-8, and DIP-8 packages. The quad OPA4705 is available
in the TSSOP-14 and SO-14 packages. All are specified for
operation from –40°C to +85°C.




Similar Part No. - OPA705PA.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA705PA.B TI2-OPA705PA.B Datasheet
399Kb / 16P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
JUNE 2001
More results


Similar Description - OPA705PA.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com