Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSK-2000 Datasheet (PDF) - Bourns Electronic Solutions

RSK-2000 Datasheet PDF - Bourns Electronic Solutions
Part # RSK-2000
Download  RSK-2000 Download
File Size   619.6 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description RSK Series – Precision Current Resistor / Busbar Shunts

RSK-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RSK-2000 Datasheet PDF - Bourns Electronic Solutions

Part # RSK-2000
Download  RSK-2000 Click to download

File Size   619.6 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description RSK Series – Precision Current Resistor / Busbar Shunts

RSK-2000 Datasheet (HTML) - Bourns Electronic Solutions


RSK-2000 Product details

Features
n Formerly a Riedon™ product
n Current rating: 1,000 to 3,000 A
n Standard tolerance ±0.25 %
n 0.017 to 0.100 mΩ resistance
n 50 mV & 100 mV outputs
n Calibration certificates available
n RoHS compliant*




Similar Part No. - RSK-2000

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSK-2405SRUW/H3 RECOM-RSK-2405SRUW/H3 Datasheet
1Mb / 4P
2 Watt SIP8 Single Output
REV.: 0/2023
More results


Similar Description - RSK-2000

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-20-100 RIEDON-RSA-20-100 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSB-300-50 RIEDON-RSB-300-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSB-500-50 RIEDON-RSB-500-50 Datasheet
585Kb / 4P
Precision Current / DC Current Shunts
RSN-5-50B RIEDON-RSN-5-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
DC Current Shunts
October 2017
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com