Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS35ML01G081-BLE Datasheet (PDF) - Integrated Silicon Solution, Inc

IS35ML01G081-BLE Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS35ML01G081-BLE
Download  IS35ML01G081-BLE Download
File Size   1765.32 Kbytes
Page   56 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 3.3V X8 NAND FLASH MEMORY STANDARD NAND INTERFACE

IS35ML01G081-BLE Datasheet (PDF)

Go To PDF Page Download Datasheet
IS35ML01G081-BLE Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS35ML01G081-BLE
Download  IS35ML01G081-BLE Click to download

File Size   1765.32 Kbytes
Page   56 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 3.3V X8 NAND FLASH MEMORY STANDARD NAND INTERFACE

IS35ML01G081-BLE Datasheet (HTML) - Integrated Silicon Solution, Inc


IS35ML01G081-BLE Product details

FEATURES
 Flexible & Efficient Memory
Architecture
- Organization: 128Mb x8
- Memory Cell Array: (128M + 4M) x 8bit
- Data Register: (2K + 64) x 8bit
- Page Size: (2K + 64) Byte
- Block Erase: (128K + 4K) Byte
- Memory Cell: 1bit/Memory Cell
 Highest performance
- Read Performance
- Random Read: 25us (Max.)
- Serial Access: 25ns (Max.)
- Write Performance
- Program time: 400us - typical
- Block Erase time: 3ms – typical
 Low Power with Wide Temp. Ranges
- Single 3.3V (2.7V to 3.6V) Voltage
Supply
- 15 mA Active Read Current
- 10 μA Standby Current
- Temp Grades:
- Industrial: -40°C to +85°C
- Extended: -40°C to +105°C
- Automotive, A1: -40°C to +85°C
- Automotive, A2: -40°C to +105°C
 Reliable CMOS Floating Gate
Technology
- ECC Requirement: X8 - 1bit/512Byte
- Endurance: 100K Program/Erase cycles
- Data Retention: 10 years
 Efficient Read and Program modes
- Command/Address/Data Multiplexed I/O
Interface
- Command Register Operation
- Automatic Page 0 Read at Power-Up Option
- Boot from NAND support
- Automatic Memory Download
- NOP: 4 cycles
- Cache Program Operation for High
Performance Program
- Cache Read Operation
- Copy-Back Operation
- EDO mode
- OTO Operation
- Bad-Block-Protect
 Advanced Security Protection
- Hardware Data Protection
- Program/Erase Lockout during Power
Transitions
 Industry Standard Pin-out & Packages
- T =48-pin TSOP1
- B =63-ball VFBGA




Similar Part No. - IS35ML01G081-BLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS35ML01G084 ISSI-IS35ML01G084 Datasheet
2Mb / 55P
3.3V X8 NAND FLASH MEMORY STANDARD NAND INTERFACE
Rev. A2 06/15/2018
IS35ML01G084-BLA1 ISSI-IS35ML01G084-BLA1 Datasheet
2Mb / 55P
3.3V X8 NAND FLASH MEMORY STANDARD NAND INTERFACE
Rev. A2 06/15/2018
IS35ML01G084-BLA2 ISSI-IS35ML01G084-BLA2 Datasheet
2Mb / 55P
3.3V X8 NAND FLASH MEMORY STANDARD NAND INTERFACE
Rev. A2 06/15/2018
IS35ML01G084-BLE ISSI-IS35ML01G084-BLE Datasheet
2Mb / 55P
3.3V X8 NAND FLASH MEMORY STANDARD NAND INTERFACE
Rev. A2 06/15/2018
IS35ML01G084-BLI ISSI-IS35ML01G084-BLI Datasheet
2Mb / 55P
3.3V X8 NAND FLASH MEMORY STANDARD NAND INTERFACE
Rev. A2 06/15/2018
More results


Similar Description - IS35ML01G081-BLE

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
NAND Flash Memory Controller
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
NAND Flash Memory Controller
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
2Gb x8, x16: NAND Flash Memory
MT29F8G08DAAWCA MICRON-MT29F8G08DAAWCA Datasheet
2Mb / 81P
4Gb, 8Gb, and 16Gb x8 NAND Flash Memory
MT29F8G08ADADAH4D MICRON-MT29F8G08ADADAH4D Datasheet
1Mb / 132P
4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
logo
Winbond
W29N02GVSIAA WINBOND-W29N02GVSIAA Datasheet
2Mb / 79P
W29N02GV 2G-BIT 3.3V NAND FLASH MEMORY
logo
Elite Semiconductor Mem...
F50L4G41XB ESMT-F50L4G41XB Datasheet
1Mb / 51P
3.3V 4 Gbit SPI-NAND Flash Memory
F50L2G41XA ESMT-F50L2G41XA Datasheet
1Mb / 49P
3.3V 2 Gbit SPI-NAND Flash Memory
F50L1G41LB ESMT-F50L1G41LB Datasheet
1Mb / 49P
3.3V 1 Gbit SPI-NAND Flash Memory
logo
Winbond
W29N01HV WINBOND-W29N01HV Datasheet
1Mb / 54P
1G-BIT 3.3V NAND FLASH MEMORY
Revision C
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com