Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF18326 Datasheet (PDF) - Microchip Technology

PIC16LF18326 Datasheet PDF - Microchip Technology
Part # PIC16LF18326
Download  PIC16LF18326 Download
File Size   9778.66 Kbytes
Page   471 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured, Low Pin Count Microcontrollers with XLP

PIC16LF18326 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF18326 Datasheet PDF - Microchip Technology

Part # PIC16LF18326
Download  PIC16LF18326 Click to download

File Size   9778.66 Kbytes
Page   471 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured, Low Pin Count Microcontrollers with XLP

PIC16LF18326 Datasheet (HTML) - Microchip Technology


PIC16LF18326 Product details

Description
PIC16(L)F18313/18323 microcontrollers feature Analog, Core Independent Peripherals and Communication
Peripherals, combined with eXtreme Low Power (XLP) for a wide range of general purpose and low-power applications.
The Peripheral Pin Select (PPS) functionality enables pin mapping when using the digital peripherals (CLC, CWG, CCP,
PWM and communications) to add flexibility to the application design.

Core Features
• C Compiler Optimized RISC Architecture
• Only 48 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Up to Four 8-bit Timers
• Up to Three 16-bit Timers
• Low-Current Power-on Reset (POR)
• Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Low-Power BOR (LPBOR) Option
• Extended Watchdog Timer (WDT) with Dedicated
On-Chip Oscillator for Reliable Operation
• Programmable Code Protection




Similar Part No. - PIC16LF18326

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF18326 MICROCHIP-PIC16LF18326 Datasheet
9Mb / 471P
Full-Featured, Low Pin Count Microcontrollers with XLP
06/23/16
PIC16LF18326 MICROCHIP-PIC16LF18326 Datasheet
8Mb / 471P
Full-Featured, 14/20 Low Pin Count Microcontrollers with XLP
11/07/16
PIC16LF18326 MICROCHIP-PIC16LF18326 Datasheet
10Mb / 489P
Full-Featured, Low Pin Count Microcontrollers with XLP
11/07/16
PIC16LF18326 MICROCHIP-PIC16LF18326 Datasheet
9Mb / 471P
Full-Featured, Low Pin Count Microcontrollers with XLP
08/15/18
PIC16LF18326 MICROCHIP-PIC16LF18326 Datasheet
10Mb / 471P
Full-Featured, Low Pin Count Microcontrollers with XLP
05/14/19
More results


Similar Description - PIC16LF18326

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18857 MICROCHIP-PIC16F18857 Datasheet
7Mb / 668P
Full-Featured 28/40/44-Pin Microcontrollers
02/28/20
PIC16F19195 MICROCHIP-PIC16F19195 Datasheet
9Mb / 731P
Full-Featured 64-Pin Microcontrollers
05/14/19
PIC16F15325 MICROCHIP-PIC16F15325 Datasheet
6Mb / 558P
Full-Featured 14/16/20-Pin Microcontrollers
08/15/18
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com