Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5066H2NLPR Datasheet (PDF) - Texas Instruments

LM5066H2NLPR Datasheet PDF - Texas Instruments
Part # LM5066H2NLPR
Download  LM5066H2NLPR Download
File Size   3399.09 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5066Hx 5.5V to 90V, Advanced Hotswap Controller With I/V/P Monitoring and PMBus Interface

LM5066H2NLPR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5066H2NLPR Datasheet PDF - Texas Instruments

Part # LM5066H2NLPR
Download  LM5066H2NLPR Click to download

File Size   3399.09 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5066Hx 5.5V to 90V, Advanced Hotswap Controller With I/V/P Monitoring and PMBus Interface

LM5066H2NLPR Datasheet (HTML) - Texas Instruments


LM5066H2NLPR Product details

1 Features
• 5.5V to 90V operation
– 100V Continuous absolute max
– Withstand up to -5V at output
• Adjustable ILIM thresholds from 10mV to 50mV
• Programmable FET SOA protection
• Programmable overcurrent blanking with digital
timer
• Strong gate pull down (1.5A) for fast turn OFF
• Robust short circuit protection
– Fast trip response (360ns)
– Immune to supply line transients
• LM5066H2 with advanced features
– Dual gate drive for high power applications
– SYNC pin for parallel controller operation
– Soft start capacitor disconnect
• Failed FET detection
• Programable UV, OV, tFAULT thresholds
• External FET temperature sensing
• Failed FET detection
• I2C / SMBus interface
• PMBus® interface for telemetry, control,
configuration and debug
– On chip EEPROM nonvolatile memory for
configuration
– Precision VIN, VOUT, IIN, PIN, VAUX monitoring V
(<±1%); I (<±1%); P (<±1.75%)
– Power cycle with a single command
– Blackbox fault recording of multiple events with
relative time stamp stored in internal EEPROM
• 12-bit ADC with 250kHz sampling rate
• Supports energy monitoring via Read_EIN
command
• External FET temperature sensing
• –40°C < TJ < 125°C operation

2 Applications
• 12V and 48V servers and datacenter
• Base station power distribution
• Networking routers and switchers
• PLC power management
• 24V to 48V industrial systems

3 Description
The LM5066Hx provides robust protection and
precision monitoring for 12V, 24V and 48V systems
with programmable UV, OV, ILIM, and fast short circuit
protection for customized input power applications.
Programmable power limit threshold along with
adjustable fault timer (tFAULT) limits maximum power
dissipation and ensures FET SOA protection under
all conditions including startup and fault events. Two
level over current blanking with digital timers allows
higher load transients to pass, enabling lower current
limit settings and reducing requirements for strong
SOA MOSFETs.
An integrated PMBus™interface enables remote
monitoring, control, and configuration of the system
in real time. Key parameters can be accessed
remotely for telemetry, and various thresholds can
be configured through PMBus or stored in internal
non volatile memory. The fast, accurate analog
load current monitor supports predictive maintenance
and dynamic power management including Intel
PSYS and PROCHOT functionality to optimize server
performance. A blackbox fault recording feature helps
in debugging field failures.
The LM5066H2 features dual gate drive architecture
which enables use of a single strong SOA FET
to handle power stress during startup and fault
conditions, combined with multiple small low RDS(ON)
FETs for normal load current operation, reducing the
total solution size.




Similar Part No. - LM5066H2NLPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5066 TI-LM5066 Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
2Mb / 65P
Hotswap Controller With I/V/P Monitoring and PMBus Interface
LM5066I TI1-LM5066I Datasheet
4Mb / 71P
10 to 80 V, Hotswap Controller
More results


Similar Description - LM5066H2NLPR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Texas Instruments
TPS2482 TI-TPS2482 Datasheet
1Mb / 56P
36-V Hotswap Controller with Precision I2C Power Monitoring
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
logo
Texas Instruments
LM5066I TI1-LM5066I Datasheet
4Mb / 71P
10 to 80 V, Hotswap Controller
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
36-V Hotswap Controller with Precision I2C Power Monitoring
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
PolyPhase Synchronous Boost Controller with PMBus Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com