Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM68480-Q1 Datasheet (PDF) - Texas Instruments

LM68480-Q1 Datasheet PDF - Texas Instruments
Part # LM68480-Q1
Download  LM68480-Q1 Download
File Size   817.43 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM684x0-Q1 High Performance Stackable Power Converter, 3V to 36V, Pin-Compatible 4A, 6A, 8A, Automotive, Low EMI Synchronous Buck Converter for Functional Safety Applications

LM68480-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM68480-Q1 Datasheet PDF - Texas Instruments

Part # LM68480-Q1
Download  LM68480-Q1 Click to download

File Size   817.43 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM684x0-Q1 High Performance Stackable Power Converter, 3V to 36V, Pin-Compatible 4A, 6A, 8A, Automotive, Low EMI Synchronous Buck Converter for Functional Safety Applications

LM68480-Q1 Datasheet (HTML) - Texas Instruments


LM68480-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design planned
– Systematic capability up to ASIL D
– Hardware capability up to ASIL C
– Analog built-in-self-test at start-up
– Redundant and fast (0.35μs) VOUT monitor
– Feedback path failure detection
– Redundant temperature sensor
– Excellent pin FMEA and pin spacing
• Wide input voltage range: 3V to 36V
• Designed for low EMI requirements
– Facilitates CISPR 25 class 5 compliance
– Mode pin configurable ±5% or ±10% dualrandom
spread spectrum reducing peak
emissions
– Enhanced HotRod™ QFN package with
symmetrical pinout
– Switching frequency from 300kHz to 2.2MHz
– Pin-configurable 400kHz and 2.1MHz
– Pin-configurable AUTO or FPWM operation
– Dual phase capable up to 16A for high current
designs
– Pin-pin with 65V LM686x5-Q1 family of devices
• Low minimum on time: 40ns (maximum)
• High-efficiency power conversion at all loads
– > 94.65% peak efficiency at 12VIN, 5VOUT,
400kHz
– 3.0μA PFM no-load input current
• High power density
– Internal compensation, current limit, and TSD
– 3.6mm × 2.6mm, wettable flank, 20-pin
package
– ϴJA = 24.0°C/W (LM654x0-Q1EVM)
• Create a custom design using the LM684x0-Q1
with the WEBENCH® Power Designer

2 Applications
• Advanced driver assistance systems (ADAS)
• Automotive infotainment and cluster
• Hybrid, electric, and powertrain systems

3 Description
The LM684x0-Q1 are a family of automotive buck
converters designed for high efficiency, high power
density, and ultra-low electromagnetic interference
(EMI). The converters operate over a wide input
voltage range of 3V to 36V (42V tolerant) The
LM684x0-Q1 is dual phase capable by simply
connecting the compensated error signal between
the primary and secondary device. The LM684x0-
Q1 comes with pin selectable fixed output voltages
of 3.3V and 5V or in adjustable configuration.
The low EMI operation is enabled with minimized
loop inductance and optimized switch node slew
rate. A pin-selectable ±5% or ±10% dual-random
spread spectrum (DRSS) significantly reduces peak
emissions through a combination of triangular and
pseudo-random modulation while keeping output
voltage ripple very low. The current-mode control
architecture with a 30ns typical minimum on-time
allows high conversion ratios at high frequencies
coupled with a fast transient response and excellent
load and line regulation.
The LM684x0-Q1 buck converters are specifically
intended for functional safety relevant applications.
An array of safety features including ABIST at startup,
redundant and fast VOUT monitoring, feedback
path failure detection, redundant temperature sensor,
thermal shutdown, and current limiting significantly
reduce the residual failure-in-time (FIT).




Similar Part No. - LM68480-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM68415-Q1 TI2-LM68415-Q1 Datasheet
2Mb / 57P
LM684x5-Q1 42V, 1.5A/2.5A Automotive Synchronous Buck DC/DC Converters With Low-EMI ZEN 1 Switcher Technology Optimized for Safety-Relevant Applications
NOVEMBER 2025
LM68415SFRZTRQ1 TI2-LM68415SFRZTRQ1 Datasheet
2Mb / 57P
LM684x5-Q1 42V, 1.5A/2.5A Automotive Synchronous Buck DC/DC Converters With Low-EMI ZEN 1 Switcher Technology Optimized for Safety-Relevant Applications
NOVEMBER 2025
LM68425-Q1 TI2-LM68425-Q1 Datasheet
2Mb / 57P
LM684x5-Q1 42V, 1.5A/2.5A Automotive Synchronous Buck DC/DC Converters With Low-EMI ZEN 1 Switcher Technology Optimized for Safety-Relevant Applications
NOVEMBER 2025
LM68425SFRZTRQ1 TI2-LM68425SFRZTRQ1 Datasheet
2Mb / 57P
LM684x5-Q1 42V, 1.5A/2.5A Automotive Synchronous Buck DC/DC Converters With Low-EMI ZEN 1 Switcher Technology Optimized for Safety-Relevant Applications
NOVEMBER 2025
LM684X5-Q1 TI2-LM684X5-Q1 Datasheet
2Mb / 57P
LM684x5-Q1 42V, 1.5A/2.5A Automotive Synchronous Buck DC/DC Converters With Low-EMI ZEN 1 Switcher Technology Optimized for Safety-Relevant Applications
NOVEMBER 2025
More results


Similar Description - LM68480-Q1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
Global Mixed-mode Techn...
G5382 GMT-G5382 Datasheet
91Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5332A GMT-G5332A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
Major-Power Technology ...
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
Texas Instruments
LM61495-Q1 TI1-LM61495-Q1 Datasheet
269Kb / 4P
LM62460-Q1, LM61480/95-Q1 6A/8A/10-A Automotive Buck Converter Optimized for Power Density and Low EMI
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
4A 180KHz 36V Buck DC to DC Converter
logo
Texas Instruments
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com