Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1637 Datasheet (PDF) - Texas Instruments

OPA1637 Datasheet PDF - Texas Instruments
Part # OPA1637
Download  OPA1637 Download
File Size   1669.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier

OPA1637 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1637 Datasheet PDF - Texas Instruments

Part # OPA1637
Download  OPA1637 Click to download

File Size   1669.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier

OPA1637 Datasheet (HTML) - Texas Instruments


OPA1637 Product details

1 Features
• Low input voltage noise: 3.7 nV/√Hz at 1 kHz
• Low THD + N: –120 dB at 1 kHz
• Low supply current: 950 μA at ±18 V
• Input offset voltage: ±200 μV (maximum)
• Input bias current: 2 nA (maximum)
• Low bias current noise: 400 fA/√Hz at 10 Hz
• Gain-bandwidth product: 9.2 MHz
• Differential output slew rate: 15 V/μs
• Wide input and output common-mode range
• Wide single-supply operating range: 3 V to 36 V
• Low supply current power-down feature: < 20 μA
• Overload power limit
• Current limit
• Package: 8-pin VSSOP
• Temperature range: –40°C to +125°C

2 Applications
• Professional audio mixer or control surface
• Professional microphones and wireless systems
• Professional speaker systems
• Professional audio amplifier
• Soundbar
• Turntable
• Professional video camera
• Guitar and other instrument amplifier
• Data aquisition (DAQ)

3 Description
The OPA1637 is a low-noise, low total harmonic
distortion (THD), fully differential, Burr-Brown™ Audio
operational amplifier that easily filters and drives fully
differential, audio signal chains.
The OPA1637 also converts single-ended sources to
differential outputs required by high-fidelity analog-todigital
converters (ADCs). Designed for exceptional
low noise and THD, the bipolar super-beta inputs yield
a very low noise figure at very-low quiescent current
and input bias current. This device is designed for
audio circuits where low power consumption is
required along with excellent signal-to-noise ratio
(SNR) and spurious-free dynamic range (SFDR).
The OPA1637 features high-voltage supply capability,
allowing for supply voltages up to ±18 V. This
capability allows high-voltage differential signal chains
to benefit from the improved headroom and dynamic
range without adding separate amplifiers for each
polarity of the differential signal. Very-low voltage and
current noise enables the OPA1637 for use in highgain
configurations with minimal impact to the audio
signal noise.
The OPA1637 is characterized for operation over the
wide temperature range of –40°C to +125°C, and is
available in an 8-pin VSSOP package.




Similar Part No. - OPA1637

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1637 TI1-OPA1637 Datasheet
457Kb / 19P
OPA1637 High-Performance, High-Voltage, Low-Noise Burr-Brown Audio Fully-Differential Amplifier
OPA1637 TI1-OPA1637 Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1637DGKR TI1-OPA1637DGKR Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1637DGKT TI1-OPA1637DGKT Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1637 TI1-OPA1637_V01 Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
More results


Similar Description - OPA1637

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49722 NSC-LME49722 Datasheet
417Kb / 14P
Low Noise, High Performance, High Fidelity Dual Audio Operational Amplifier
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
OPA1632 TI1-OPA1632 Datasheet
1Mb / 30P
High-Performance, Fully-Differential Audio Operational Amplifier
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1637 TI1-OPA1637 Datasheet
457Kb / 19P
OPA1637 High-Performance, High-Voltage, Low-Noise Burr-Brown Audio Fully-Differential Amplifier
OPA1637 TI1-OPA1637_V01 Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1655 TI-OPA1655_V01 Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com