Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1622IDRCR.B Datasheet (PDF) - Texas Instruments

OPA1622IDRCR.B Datasheet PDF - Texas Instruments
Part # OPA1622IDRCR.B
Download  OPA1622IDRCR.B Download
File Size   2395.58 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1622 SoundPlus™ High-Fidelity, Bipolar-Input, Audio Operational Amplifier

OPA1622IDRCR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1622IDRCR.B Datasheet PDF - Texas Instruments

Part # OPA1622IDRCR.B
Download  OPA1622IDRCR.B Click to download

File Size   2395.58 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA1622 SoundPlus™ High-Fidelity, Bipolar-Input, Audio Operational Amplifier

OPA1622IDRCR.B Datasheet (HTML) - Texas Instruments


OPA1622IDRCR.B Product details

1 Features
1• High-Fidelity Sound Quality
• Ultralow Noise: 2.8 nV/√Hz at 1 kHz
• Ultralow Total Harmonic Distortion + Noise:
–119 dB THD+N (142 mW/Ch into 32 Ω/Ch)
• Wide Gain Bandwidth Product:
32 MHz (G = +1000)
• High Slew Rate: 10 V/μs
• High Capacitive-Load Drive Capability: > 600 pF
• High Open-Loop Gain: 136 dB (600-Ω Load)
• Low Quiescent Current: 2.6 mA per Channel
• Low-Power Shutdown Mode With Reduced Pop
and Click Noise: 5 μA per Channel
• Short-Circuit Protection
• Wide Supply Range: ±2 V to ±18 V
• Available in small VSON-10 μPackage

2 Applications
• High-Fidelity (HiFi) Headphone Drivers
• Professional Audio Equipment
• Analog and Digital Mixing Consoles
• Audio Test and Measurement
• High-End Blu-ray™ Players
• High-End Audio and Video (A/V) Receivers

3 Description
The OPA1622, dual, bipolar-input, SoundPlus™
audio operational amplifier achieves a very low,
2.8-nV/√Hz noise density with an ultralow THD+N of
–119.2 dB at 1 kHz and drives a 32-Ω load at 100-
mW output power. The OPA1622 offers extremelyhigh
ac PSRR and CMRR specifications that
eliminate noise from power supplies, making the
OPA1622 ideal for use in portable-audio applications.
This device also has a high output-drive capability of
+145 mA per –130 mA.
The OPA1622 operates over a very wide supply
range of ±2 V to ±18 V, on only 2.6 mA of supply
current per channel. The OPA1622 op amp is unitygain
stable and provides excellent dynamic behavior
over a wide range of load conditions. The OPA1622
includes a shutdown mode, allowing the amplifiers to
be switched from normal operation to a standby
current that is typically less than 5 μA. This shutdown
feature is specifically designed to eliminate click and
pop noise when transitioning into or out of shutdown
mode.
The OPA1622 features a unique internal layout for
lowest crosstalk, and freedom from interactions
between channels, even when overdriven or
overloaded. This device is specified from –40°C to
+125°C.




Similar Part No. - OPA1622IDRCR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1622IDRCR TI1-OPA1622IDRCR Datasheet
2Mb / 36P
High-Fidelity, Bipolar-Input, Audio Operational Amplifier
More results


Similar Description - OPA1622IDRCR.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
High Performance, High Fidelity Audio Operational Amplifier
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1612-Q1 TI-OPA1612-Q1_15 Datasheet
1Mb / 31P
OPA1612-Q1 SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
High-Fidelity, Bipolar-Input, Audio Operational Amplifier
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com