Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2335M Datasheet (PDF) - Texas Instruments

OPA2335M Datasheet PDF - Texas Instruments
Part # OPA2335M
Download  OPA2335M Download
File Size   421.49 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 0.05 mV/°C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES

OPA2335M Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2335M Datasheet PDF - Texas Instruments

Part # OPA2335M
Download  OPA2335M Click to download

File Size   421.49 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 0.05 mV/°C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES

OPA2335M Datasheet (HTML) - Texas Instruments


OPA2335M Product details

FEATURES
· Low Offset Voltage: 5 mV (max)
· Zero Drift: 0.02 mV/°C (typ)
· Quiescent Current: 570 mA
· Single-Supply Operation
· Ceramic DIP Package

APPLICATIONS
· Transducer Applications
· Temperature Measurement
· Electronic Scales
· Medical Instrumentation
· Battery-Powered Instruments
· Handheld Test Equipment

DESCRIPTION
The OPA2335 CMOS operational amplifier uses
auto-zeroing techniques to simultaneously provide
very low offset voltage (5 mV max), and near-zero
drift over time and temperature. This high-precision,
low quiescent current amplifier offers high input
impedance and rail-to-rail output swing. Single or
dual supplies as low as 2.7 V (±1.35 V) and up to 5.5
V (±2.75 V) may be used. This op amp is optimized
for low-voltage, single-supply operation.
The OPA2335 is available in a CDIP-8 package and
is specified for operation from –55°C to 125°C.




Similar Part No. - OPA2335M

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2335M BURR-BROWN-OPA2335M Datasheet
263Kb / 16P
0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
logo
Texas Instruments
OPA2335M TI2-OPA2335M Datasheet
1Mb / 38P
0.05μV/°C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zerø-Drift Series
REVISED JULY 2003
More results


Similar Description - OPA2335M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Burr-Brown (TI)
OPA2335M BURR-BROWN-OPA2335M Datasheet
263Kb / 16P
0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
logo
Texas Instruments
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
Zero Drift Operational Amplifier
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
New Japan Radio
NJU7098A NJRC-NJU7098A Datasheet
1,018Kb / 13P
0.05μV/°C max, Zero-Drift, Single Supply Rail-to-Rail Output CMOS Operational Amplifier
Ver.02
NJU7098AF1-C NJRC-NJU7098AF1-C Datasheet
1Mb / 16P
0.05μV/°C max, Zero-Drift, Single Supply, Rail-to-Rail Output CMOS Operational Amplifier
Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com