Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1664AIDRG4.B Datasheet (PDF) - Texas Instruments

OPA1664AIDRG4.B Datasheet PDF - Texas Instruments
Part # OPA1664AIDRG4.B
Download  OPA1664AIDRG4.B Download
File Size   2363.62 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA166x Low-Power, Low-Noise-and-Distortion, Bipolar-Input SoundPlus™ Audio Operational Amplifiers

OPA1664AIDRG4.B Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA1664AIDRG4.B Datasheet PDF - Texas Instruments

Part # OPA1664AIDRG4.B
Download  OPA1664AIDRG4.B Click to download

File Size   2363.62 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA166x Low-Power, Low-Noise-and-Distortion, Bipolar-Input SoundPlus™ Audio Operational Amplifiers

OPA1664AIDRG4.B Datasheet (HTML) - Texas Instruments


OPA1664AIDRG4.B Product details

1 Features
• Low noise: 3.3nV/√Hz at 1kHz
• Low distortion: 0.00006% at 1kHz
• Low quiescent current:
1.5mA per channel
• Slew rate: 17V/μs
• Wide gain bandwidth: 22MHz (G = +1)
• Unity gain stable
• Rail-to-rail output
• Wide supply range:
±1.5V to ±18V or 3V to 36V
• Dual and quad versions available
• Small package sizes:
Dual: SOIC-8 and VSSOP-8
Quad: SOIC-14 and TSSOP-14

2 Applications
• USB and firewire audio systems
• Analog and digital mixers
• Portable recording systems
• Audio effects processors
• High-end A/V receivers
• High-end DVD and Blu-Ray™ players
• High-end car audio

3 Description
The dual OPA1662 and quad OPA1664 (OPA166x)
series of bipolar-input SoundPlus™ audio operational
amplifiers achieve a low 3.3nV/√Hz noise density
with an ultra-low distortion of 0.00006% at 1kHz.
The OPA166x series of op amps offer rail-to-rail
output swing to within 600mV with 2kΩ load, which
increases headroom and maximizes dynamic range.
These devices also have a high output drive capability
of ±30mA.
These devices operate over a very wide supply range
of ±1.5V to ±18V, or 3V to 36V, on only 1.5mA of
supply current per channel. The OPA166x op amps
are unity-gain stable and provide excellent dynamic
behavior over a wide range of load conditions.
These devices also feature completely independent
circuitry for lowest crosstalk and freedom from
interactions between channels, even when overdriven
or overloaded.
The OPA166x are specified from –40°C to +85°C.




Similar Part No. - OPA1664AIDRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1664AIDR TI1-OPA1664AIDR Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Similar Description - OPA1664AIDRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1655 TI-OPA1655_V01 Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com