Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA734AIDBVT Datasheet (PDF) - Texas Instruments

OPA734AIDBVT Datasheet PDF - Texas Instruments
Part # OPA734AIDBVT
Download  OPA734AIDBVT Download
File Size   1355.12 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 0.05μV/°C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer∅-Drift Series

OPA734AIDBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA734AIDBVT Datasheet PDF - Texas Instruments

Part # OPA734AIDBVT
Download  OPA734AIDBVT Click to download

File Size   1355.12 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 0.05μV/°C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer∅-Drift Series

OPA734AIDBVT Datasheet (HTML) - Texas Instruments


OPA734AIDBVT Product details

FEATURES
LOW OFFSET VOLTAGE: 5μV (max)
ZERO DRIFT: 0.05μV/°C max
QUIESCENT CURRENT: 750μA (max)
SINGLE-SUPPLY OPERATION
LOW BIAS CURRENT: 200pA (max)
SHUTDOWN
MicroSIZE PACKAGES
WIDE SUPPLY RANGE: 2.7V to 12V

APPLICATIONS
TRANSDUCER APPLICATIONS
TEMPERATURE MEASUREMENTS
ELECTRONIC SCALES
MEDICAL INSTRUMENTATION
BATTERY-POWERED INSTRUMENTS
HANDHELD TEST EQUIPMENT

DESCRIPTION
The OPA734 and OPA735 series of CMOS operational
amplifiers use auto-zeroing techniques to simultaneously
provide low offset voltage (5μV max) and near-zero drift
over time and temperature. These miniature, high-precision,
low quiescent current amplifiers offer high input
impedance and rail-to-rail output swing within 50mV of the
rails. Either single or bipolar supplies can be used in the
range of +2.7V to +12V (±1.35V to ±6V). They are
optimized for low-voltage, single-supply operation.
The OPA734 family includes a shutdown mode. Under
logic control, the amplifiers can be switched from normal
operation to a standby current that is 9μA (max) and the
output placed in a high-impedance state.
The single version is available in the MicroSIZE SOT23-5
(SOT23-6 for shutdown version) and the SO-8 packages.
The dual version is available in the MSOP-8 and SO-8
packages (MSOP-10 only for the shutdown version). All
versions are specified for operation from −40°C to +85°C.




Similar Part No. - OPA734AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA734AIDBVT TI-OPA734AIDBVT Datasheet
469Kb / 18P
SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Burr-Brown (TI)
OPA734AIDBVT BURR-BROWN-OPA734AIDBVT Datasheet
607Kb / 23P
0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA734AIDBVTG4 BURR-BROWN-OPA734AIDBVTG4 Datasheet
607Kb / 23P
0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results


Similar Description - OPA734AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Burr-Brown (TI)
OPA333 BURR-BROWN-OPA333 Datasheet
474Kb / 18P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
OPA734 BURR-BROWN-OPA734_07 Datasheet
607Kb / 23P
0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335M BURR-BROWN-OPA2335M Datasheet
263Kb / 16P
0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
New Japan Radio
NJU7098A NJRC-NJU7098A Datasheet
1,018Kb / 13P
0.05μV/°C max, Zero-Drift, Single Supply Rail-to-Rail Output CMOS Operational Amplifier
Ver.02
NJU7098AF1-C NJRC-NJU7098AF1-C Datasheet
1Mb / 16P
0.05μV/°C max, Zero-Drift, Single Supply, Rail-to-Rail Output CMOS Operational Amplifier
Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com