Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1863DBTR Datasheet (PDF) - Texas Instruments

PCM1863DBTR Datasheet PDF - Texas Instruments
Part # PCM1863DBTR
Download  PCM1863DBTR Download
File Size   2175.89 Kbytes
Page   145 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs

PCM1863DBTR Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1863DBTR Datasheet PDF - Texas Instruments

Part # PCM1863DBTR
Download  PCM1863DBTR Click to download

File Size   2175.89 Kbytes
Page   145 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs

PCM1863DBTR Datasheet (HTML) - Texas Instruments


PCM1863DBTR Product details

1 Features
1• High SNR Performance:
– 110-dB SNR (PCM1861/63/65)
– 103-dB SNR (PCM1860/62/64)
• ADC Sample Rate (fS) = 8 kHz to 192 kHz
• Up To Four Independent ADC Channels Available
• Single-Ended, 2.1-VRMS Full-Scale (FS) Input
• Differential, 4.2-VRMS FS Input
• Hardware (HW) Control: PCM1860/61
• Software (SW) Control (I2C or SPI):
PCM1862/63/64/65
• Support for Up To Four Digital Microphones
(SW-Controlled Devices)
• Programmable Gain Amplifier (PGA):
– Fixed Gain: 0 dB, 12 dB, 32 dB
(PCM1860/61)
– SW-Controlled Gain: –12 dB to +32 dB
(PCM1862/63/64/65)
• Integrated High-Performance Audio PLL
• Single 3.3-V Power-Supply Operation
• Power Dissipation at 3.3 V:
– < 85 mW (PCM1860/61/62/63)
– < 145 mW (PCM1864/65)
• Energysense Audio Content Detector for Auto
System Wakeup and Sleep
• Master or Slave Audio Interface
• Automatic PGA Clipping Suppression Control
• PCB-Footprint Compatibility Across All Devices

2 Applications
• Home Theater and TV
• Voice Controlled Devices
• Bluetooth® Speaker
• Microphone Array Processors

3 Description
The PCM186x family (PCM1860, PCM1861,
PCM1862, PCM1863, PCM1864, and PCM1865) of
audio front-end devices take a new approach to
audio-function integration to ease compliance with
European Ecodesign legislation, while enabling highperformance
end products at reduced cost. The
PCM186x support single-supply operation at 3.3 V,
and offer an integrated programable gain amplifier
(PGA) in a small package; this configuration makes it
feasible to implement smaller and smarter products at
a reduced cost.
The PCM186x audio front end supports single-ended
input levels from small-mV microphone inputs to 2.1-
VRMS line inputs, without external resistor dividers.
The front-end mixer (MIX), multiplexer (MUX), and
PGA also support differential (Diff), pseudodifferential,
and single-ended (SE) inputs, making
these devices an ideal interface for products that
require interference suppression. The PCM186x
integrate many system-level functions that assist or
replace some DSP functions.
An integrated band-gap voltage reference provides
excellent PSRR, so that a dedicated analog 3.3-V rail
may not be required.




Similar Part No. - PCM1863DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1863DBTR TI-PCM1863DBTR Datasheet
5Mb / 115P
PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
More results


Similar Description - PCM1863DBTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Cirrus Logic
CS5364 CIRRUS-CS5364 Datasheet
708Kb / 41P
114 dB, 192 kHz, 4-Channel A/D Converter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
114 dB, 192 kHz, 4-Channel A/D Converter
logo
Texas Instruments
PCM5310 TI-PCM5310 Datasheet
1Mb / 103P
24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
logo
Cirrus Logic
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
114 dB, 192 kHz, 4-Channel A/D Converter
logo
Texas Instruments
PCM1860-Q1 TI1-PCM1860-Q1 Datasheet
2Mb / 141P
Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
192 kHz 4-ch Audio CODEC
logo
Texas Instruments
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com