Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P950NW Datasheet (PDF) - BROTHER INTERNATIONAL. LTD. All Rights Reserved

P950NW Datasheet PDF - BROTHER INTERNATIONAL. LTD. All Rights Reserved
Part # P950NW
Download  P950NW Download
File Size   1049.94 Kbytes
Page   4 Pages
Manufacturer  BROTHER [BROTHER INTERNATIONAL. LTD. All Rights Reserved]
Direct Link  https://www.brother.com.au/
Logo BROTHER - BROTHER INTERNATIONAL. LTD. All Rights Reserved
Description Introducing the Label Printers that make business a pleasure

P950NW Datasheet (PDF)

Go To PDF Page Download Datasheet
P950NW Datasheet PDF - BROTHER INTERNATIONAL. LTD. All Rights Reserved

Part # P950NW
Download  P950NW Click to download

File Size   1049.94 Kbytes
Page   4 Pages
Manufacturer  BROTHER [BROTHER INTERNATIONAL. LTD. All Rights Reserved]
Direct Link  https://www.brother.com.au/
Logo BROTHER - BROTHER INTERNATIONAL. LTD. All Rights Reserved
Description Introducing the Label Printers that make business a pleasure

P950NW Datasheet (HTML) - BROTHER INTERNATIONAL. LTD. All Rights Reserved


P950NW Product details

High-speed printing of up to 60mm/second
360dpi print resolution for crisp text, images and barcodes
Prints durable labels from 3.5mm to 36mm in width
Large 32mm print height for near edge-to-edge printing
Key features
USB and Wi-Fi connectivity
Advanced cutter prints easy-peel labels in a continuous strip
Wired network connectivity (10/100 Base-TX)
Includes free professional desktop label design software for PC/Mac
Software development kits available to easily add label printing to your own software or apps
Merge text contained in Excel, .csv and MSDE/SQL databases to easily batch print many labels at once
Prints 1D and 2D industry standard barcodes
Free iOS/Android label apps to print labels from smartphones/tablets
Optional battery base and Li-ion rechargeable battery
Optional RJ25 to DB9M serial adapter
Optional Bluetooth interface
Optional Touch Panel with backlit LCD display to print custom labels without the use of a PC




Similar Part No. - P950NW

ManufacturerPart #DatasheetDescription
logo
BROTHER INTERNATIONAL. ...
P950NW BROTHER-P950NW Datasheet
4Mb / 3P
Professional Network Label Printer Range
More results


Similar Description - P950NW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS15DSBFP4RGB ETC2-IS15DSBFP4RGB Datasheet
3Mb / 5P
Switches that make you smarter
logo
Lumileds Lighting Compa...
WP15 LUMILEDS-WP15 Datasheet
1Mb / 16P
The path to a sustainable luminaire business model
logo
Rohm
KD2003-RQFW00A ROHM-KD2003-RQFW00A Datasheet
90Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
KD2004-CAGW00A ROHM-KD2004-CAGW00A Datasheet
73Kb / 2P
For Receipt , Label Printers series
KD2004-CG11A ROHM-KD2004-CG11A Datasheet
119Kb / 2P
For Receipt , Label Printers series
KD2006-RQFW00A ROHM-KD2006-RQFW00A Datasheet
87Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
KD2008-CF16A ROHM-KD2008-CF16A Datasheet
114Kb / 2P
For Receipt , Label Printers series
KD3003-RQFW00A ROHM-KD3003-RQFW00A Datasheet
333Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
2019.10 - Rev.001
KD3004-RQFW00A ROHM-KD3004-RQFW00A Datasheet
327Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
2019.10 - Rev.001
KD3006-RQFW00A ROHM-KD3006-RQFW00A Datasheet
327Kb / 2P
For Large-sized, High-speed Label Printers with The Heat historical control
2019.10 - Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com