Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8638 Datasheet (PDF) - ON Semiconductor

FDS8638 Datasheet PDF - ON Semiconductor
Part # FDS8638
Download  FDS8638 Download
File Size   373.21 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench® MOSFET 40 V, 18 A, 4.3 mΩ

FDS8638 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS8638 Datasheet PDF - ON Semiconductor

Part # FDS8638
Download  FDS8638 Click to download

File Size   373.21 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench® MOSFET 40 V, 18 A, 4.3 mΩ

FDS8638 Datasheet (HTML) - ON Semiconductor


FDS8638 Product details

Features
Max rDS(on) = 4.3 mΩ at VGS = 10 V, ID = 18 A
Max rDS(on) = 5.4 mΩ at VGS = 4.5 V, ID = 16 A
High performance trench technology for extremely low rDS(on)
100% UIL Tested
RoHS Compliant

General Description
This N-Channel MOSFET is produced using Fairchild Semiconductor’s advance Power Trench® process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.

Applications
Synchronous Rectifier
Load Switch




Similar Part No. - FDS8638

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
More results


Similar Description - FDS8638

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
FDMC86570L FAIRCHILD-FDMC86570L Datasheet
352Kb / 7P
N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
NVTYS004N04CL ONSEMI-NVTYS004N04CL Datasheet
337Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 4.3 m, 85 A
April, 2021 - Rev. 1
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
logo
Nexperia B.V. All right...
BUK7M4R3-40H NEXPERIA-BUK7M4R3-40H Datasheet
312Kb / 13P
N-channel 40 V, 4.3 mΩ standard level MOSFET in LFPAK33
13 March 2020
BUK9M4R3-40H NEXPERIA-BUK9M4R3-40H Datasheet
311Kb / 13P
N-channel 40 V, 4.3 mΩ logic level MOSFET in LFPAK33
30 March 2020
PSMN4R3-30PL NEXPERIA-PSMN4R3-30PL Datasheet
721Kb / 13P
N-channel 30 V 4.3 mΩ logic level MOSFET
Rev. 01 - 16 June 2009
logo
Fairchild Semiconductor
FDMC7200 FAIRCHILD-FDMC7200 Datasheet
417Kb / 11P
Dual N-Channel PowerTrench® MOSFET 30 V, 12 mΩ and 23.5 mΩ
Rev.D1 June 2009
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com