Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C1024AL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS62C1024AL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS62C1024AL
Download  IS62C1024AL Download
File Size   329.36 Kbytes
Page   11 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 LOW POWER CMOS STATIC RAM

IS62C1024AL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS62C1024AL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS62C1024AL
Download  IS62C1024AL Click to download

File Size   329.36 Kbytes
Page   11 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 8 LOW POWER CMOS STATIC RAM

IS62C1024AL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS62C1024AL Product details

FEATURES
• High-speed access time: 35, 45 ns
• Low active power: 100 mW (typical)
• Low standby power: 20 μW (typical) CMOS
standby
• Output Enable (OE) and two Chip Enable
(CE1 and CE2) inputs for ease in applications
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V (±10%) power supply
• Commercial, Industrial, and Automotive temperature
ranges available
• Standard Pin Configuration:
— 32-pin SOP/ 32-pin TSOP (Type 1)
• Lead free available




Similar Part No. - IS62C1024AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL ETC2-IS62C1024AL Datasheet
313Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024AL-35Q ISSI-IS62C1024AL-35Q Datasheet
75Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL-35QI ISSI-IS62C1024AL-35QI Datasheet
75Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL-35QLI ISSI-IS62C1024AL-35QLI Datasheet
75Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
More results


Similar Description - IS62C1024AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
LOW POWER 128K x 8 CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com