Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV10248EBLL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS62WV10248EBLL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS62WV10248EBLL
Download  IS62WV10248EBLL Download
File Size   739.86 Kbytes
Page   15 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Mx8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV10248EBLL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS62WV10248EBLL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS62WV10248EBLL
Download  IS62WV10248EBLL Click to download

File Size   739.86 Kbytes
Page   15 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Mx8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV10248EBLL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS62WV10248EBLL Product details

FEATURES
 High-speed access time: 45ns, 55ns
 CMOS low power operation
– 36 mW (typical) operating
 TTL compatible interface levels
 Single power supply
–1.65V-2.2V VDD (62/65WV10248EALL)
– 2.2V-3.6V VDD (62/65WV10248EBLL)
 Automotive temperature (-40oC to +125oC)
 Lead-free available




Similar Part No. - IS62WV10248EBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV10248EALL ISSI-IS62WV10248EALL Datasheet
758Kb / 15P
Data control for upper and lower bytes
IS62WV10248EFALL ISSI-IS62WV10248EFALL Datasheet
753Kb / 17P
1Mx8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
A4 02/11/2020
IS62WV10248EFALL-55B2I ISSI-IS62WV10248EFALL-55B2I Datasheet
753Kb / 17P
1Mx8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
A4 02/11/2020
IS62WV10248EFALL-55B2LI ISSI-IS62WV10248EFALL-55B2LI Datasheet
753Kb / 17P
1Mx8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
A4 02/11/2020
IS62WV10248EFALL-55BI ISSI-IS62WV10248EFALL-55BI Datasheet
753Kb / 17P
1Mx8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
A4 02/11/2020
More results


Similar Description - IS62WV10248EBLL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
1Mx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
White Electronic Design...
EDI8F81024C WEDC-EDI8F81024C Datasheet
87Kb / 6P
1Mx8 Static RAM CMOS, Module
logo
Integrated Silicon Solu...
IS66WV1M16DALL ISSI-IS66WV1M16DALL Datasheet
607Kb / 15P
16Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216DALL ISSI-IS66WV51216DALL Datasheet
532Kb / 17P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216ALL ISSI-IS66WV51216ALL Datasheet
500Kb / 16P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
List of Unclassifed Man...
IS66WV51216DBLL-55TLI ETC2-IS66WV51216DBLL-55TLI Datasheet
532Kb / 17P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS66WV1M16EALL ISSI-IS66WV1M16EALL Datasheet
643Kb / 15P
ULTRA LOW POWER PSEUDO CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com