Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHC373 Datasheet (PDF) - Texas Instruments

SN54AHC373 Datasheet PDF - Texas Instruments
Part # SN54AHC373
Download  SN54AHC373 Download
File Size   2893.58 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4AHC373 Octal Transparent D-Type Latches With 3-State Outputs

SN54AHC373 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AHC373 Datasheet PDF - Texas Instruments

Part # SN54AHC373
Download  SN54AHC373 Click to download

File Size   2893.58 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4AHC373 Octal Transparent D-Type Latches With 3-State Outputs

SN54AHC373 Datasheet (HTML) - Texas Instruments


SN54AHC373 Product details

1 Features
• Operating range of 2V to 5.5V VCC
• Latch-up performance exceeds 250mA per JESD
17
• On products compliant to MIL-PRF-38535,
all parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.

2 Applications
• Enable or disable a digital signal
• Controlling an indicator LED
• Translation between communication modules and
system controllers

3 Description
The SNx4AHC373 devices are octal transparent Dtype
latches designed for 2V to 5.5V VCC operation.




Similar Part No. - SN54AHC373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC373 TI-SN54AHC373 Datasheet
575Kb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC373 TI-SN54AHC373 Datasheet
627Kb / 21P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC373 TI2-SN54AHC373 Datasheet
1Mb / 35P
SN74AHC373-Q1 Automotive Octal Transparent D-Type Latches with 3-State Outputs
JULY 2025
SN54AHC373FK TI-SN54AHC373FK Datasheet
575Kb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC373J TI-SN54AHC373J Datasheet
575Kb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN54AHC373

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com