Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3330AIDCKT.A Datasheet (PDF) - Texas Instruments

REF3330AIDCKT.A Datasheet PDF - Texas Instruments
Part # REF3330AIDCKT.A
Download  REF3330AIDCKT.A Download
File Size   1270.03 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference

REF3330AIDCKT.A Datasheet (PDF)

Go To PDF Page Download Datasheet
REF3330AIDCKT.A Datasheet PDF - Texas Instruments

Part # REF3330AIDCKT.A
Download  REF3330AIDCKT.A Click to download

File Size   1270.03 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference

REF3330AIDCKT.A Datasheet (HTML) - Texas Instruments


REF3330AIDCKT.A Product details

1 Features
1• Microsize Packages: SC70-3, SOT-23-3, UQFN-8
• Low Supply Current: 3.9 μA (typ)
• Extremely Low Dropout Voltage: 110 mV (typ)
• High Output Current: ±5 mA
• Low Temperature Drift: 30 ppm/°C (max)
• High Initial Accuracy: ±0.15% (max)
• 0.1-Hz to 10-Hz Noise: 35 μVPP (REF3312)
• Voltage Options: 1.2 V, 1.8 V, 2.5 V, 3 V, 3.3 V

2 Applications
• Portable Equipment
• Tablets and Smartphones
• Hard Disk Drives
• Sensor Modules
• Data Acquisition Systems
• Medical Equipment
• Test Equipment

3 Description
The REF33xx is a low-power, precision, low-dropout
voltage reference family available in tiny SC70-3 and
SOT-23-3 packages, and in a 1.5-mm × 1.5-mm
UQFN-8 package. Small size and low power
consumption (5-μA max) make the REF33xx ideal for
a wide variety of portable and battery-powered
applications.
The REF33xx can be operated at a supply voltage
180 mV above the specified output voltage under
normal load conditions, with the exception of the
REF3312, which has a minimum supply voltage of
1.7 V. All models are specified for the wide
temperature range of –40°C to +125°C.




Similar Part No. - REF3330AIDCKT.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3330AIDCKT TI-REF3330AIDCKT Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3330AIDCKT TI1-REF3330AIDCKT Datasheet
1Mb / 32P
Drift Voltage Reference
REF3330AIDCKT TI1-REF3330AIDCKT Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3330AIDCKT TI1-REF3330AIDCKT Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3330AIDCKTG4 TI-REF3330AIDCKTG4 Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
More results


Similar Description - REF3330AIDCKT.A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM803 AD-ADM803 Datasheet
132Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
6/03-Data Sheet changed from REV. B to REV. C.
logo
Texas Instruments
REF3312 TI-REF3312 Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
logo
Analog Devices
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
logo
Texas Instruments
REF3312 TI-REF3312_15 Datasheet
1Mb / 32P
REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com