Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD20DR Datasheet (PDF) - Texas Instruments

SN65HVD20DR Datasheet PDF - Texas Instruments
Part # SN65HVD20DR
Download  SN65HVD20DR Download
File Size   1555.51 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD2x Extended Common-Mode RS-485 Transceivers

SN65HVD20DR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD20DR Datasheet PDF - Texas Instruments

Part # SN65HVD20DR
Download  SN65HVD20DR Click to download

File Size   1555.51 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD2x Extended Common-Mode RS-485 Transceivers

SN65HVD20DR Datasheet (HTML) - Texas Instruments


SN65HVD20DR Product details

1 Features
• Common-mode voltage range (–20 V to 25 V)
more than doubles TIA/EIA-485 requirement
• Receiver equalization extends cable length,
signaling rate (SN65HVD2[3,4])
• Reduced unit-load for up to 256 nodes
• Bus I/O protection to over 16-kV HBM
• Failsafe receiver for open-circuit, short-circuit, and
idle-bus conditions
• Low standby supply current 1 μA (maximum)
• More than 100 mV receiver hysteresis

2 Applications
• Long cable solutions
– Factory automation
– Security networks
– Building HVAC
• Severe electrical environments
– Electrical power inverters
– Industrial drives
– Avionics

3 Description
The transceivers in the SN65HVD2x family offer
performance far exceeding typical RS-485 devices.
In addition to meeting all requirements of the
TIA/EIA‑485-A standard. The SN65HVD2x family
operates over an extended range of common-mode
voltages and has features such as high ESD
protection, wide receiver hysteresis, and failsafe
operation. This family of devices is designed for longcable
networks, and other applications where the
environment is too harsh for ordinary transceivers.
These devices are designed for bidirectional data
transmission on multipoint twisted-pair cables.
Example applications are digital motor controllers,
remote sensors and terminals, industrial process
control, security stations, and environmental control
systems.
These devices combine a 3-state differential driver
and a differential receiver that operate from a single
5-V power supply. The driver differential outputs and
the receiver differential inputs are connected internally
to form a differential bus port that offers minimum
loading to the bus. This port features an extended
common-mode voltage range, making the device
suitable for multipoint applications over long cable
runs.




Similar Part No. - SN65HVD20DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD20DR TI-SN65HVD20DR Datasheet
527Kb / 25P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20DR TI-SN65HVD20DR Datasheet
581Kb / 28P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20DR TI-SN65HVD20DR Datasheet
785Kb / 30P
Extended Common-Mode RS-485 Transceivers
SN65HVD20DRG4 TI-SN65HVD20DRG4 Datasheet
581Kb / 28P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20DRG4 TI-SN65HVD20DRG4 Datasheet
785Kb / 30P
Extended Common-Mode RS-485 Transceivers
More results


Similar Description - SN65HVD20DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
Extended Common-Mode RS-485 Transceivers
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
Extended Common-Mode RS-485 Transceivers
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
June 17, 2010
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
January 21, 2011
logo
Texas Instruments
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com