Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD72D Datasheet (PDF) - Texas Instruments

SN65HVD72D Datasheet PDF - Texas Instruments
Part # SN65HVD72D
Download  SN65HVD72D Download
File Size   1480.41 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD7x 3.3-V Supply RS-485 With IEC ESD protection

SN65HVD72D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVD72D Datasheet PDF - Texas Instruments

Part # SN65HVD72D
Download  SN65HVD72D Click to download

File Size   1480.41 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD7x 3.3-V Supply RS-485 With IEC ESD protection

SN65HVD72D Datasheet (HTML) - Texas Instruments


SN65HVD72D Product details

1 Features
1• Small-size VSSOP Packages Save Board Space,
or SOIC for Drop-in Compatibility
• Bus I/O Protection
– >±15 kV HBM Protection
– >±12 kV IEC 61000-4-2 Contact Discharge
– >±4 kV IEC 61000-4-4 Fast Transient Burst
• Extended Industrial Temperature Range
–40°C to 125°C
• Large Receiver Hysteresis (80 mV) for Noise
Rejection
• Low Unit-Loading Allows Over 200 Connected
Nodes
• Low Power Consumption
– Low Standby Supply Current: < 2 μA
– ICC < 1 mA Quiescent During Operation
• 5-V Tolerant Logic Inputs Compatible With
3.3-V or 5-V Controllers
• Signaling Rate Options Optimized for:
250 kbps, 20 Mbps, 50 Mbps
• Glitch Free Power-Up and Power-Down Bus
Inputs and Outputs

2 Applications
• Factory Automation
• Telecommunications Infrastructure
• Motion Control

3 Description
These devices have robust 3.3-V drivers and
receivers in a small package for demanding industrial
applications. The bus pins are robust to ESD events
with high levels of protection to Human-Body Model
and IEC Contact Discharge specifications.
Each of these devices combines a differential driver
and a differential receiver which operate from a single
3.3-V power supply. The driver differential outputs
and the receiver differential inputs are connected
internally to form a bus port suitable for half-duplex
(two-wire bus) communication. These devices feature
a wide common-mode voltage range making the
devices suitable for multi-point applications over long
cable runs. These devices are characterized from
–40°C to 125°C.




Similar Part No. - SN65HVD72D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DGK TI-SN65HVD72DGK Datasheet
1Mb / 30P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DGKR TI-SN65HVD72DGKR Datasheet
1Mb / 30P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DR TI1-SN65HVD72DR Datasheet
802Kb / 25P
3.3V-Supply RS-485 with IEC ESD Protection
More results


Similar Description - SN65HVD72D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com