Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT14 Datasheet (PDF) - Texas Instruments

SN65LVDT14 Datasheet PDF - Texas Instruments
Part # SN65LVDT14
Download  SN65LVDT14 Download
File Size   1043.93 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65LVDTxx multi-channel LVDS transceivers SN65LVDT14—One LVDS driver plus four LVDS receivers SN65LVDT41—Four LVDS drivers plus one LVDS receiver

SN65LVDT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDT14 Datasheet PDF - Texas Instruments

Part # SN65LVDT14
Download  SN65LVDT14 Click to download

File Size   1043.93 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65LVDTxx multi-channel LVDS transceivers SN65LVDT14—One LVDS driver plus four LVDS receivers SN65LVDT41—Four LVDS drivers plus one LVDS receiver

SN65LVDT14 Datasheet (HTML) - Texas Instruments


SN65LVDT14 Product details

1 Features
1• Integrated 110-Ω nominal receiver line termination
resistor
• Single 3.3-V power supply (3-V to 3.6-V range)
• Supports signaling rates of at least 250 Mbps
• Flow-through pinout simplifies PCB layout
• LVTTL-compatible logic I/Os
• ESD protection on bus pins exceeds 16 kV
• Meets or exceeds the requirements of
ANSI/TIA/EIA-644A standard for LVDS
• 20-pin PW thin shrink small-outline package with
26-mil terminal pitch

2 Applications
• Serial Peripheral Interface™ (SPI) over LVDS
allows long interconnects between master and
slave
• Board-to-board communication
• Test and measurement
• Motor drives
• LED video walls
• Wireless infrastructure
• Telecom infrastructure
• Rack servers

3 Description
The SN65LVDTxx devices are multi-channel LVDS
transceivers that operate using LVDS line drivers and
receivers. The SN65LVDTxx devices support
signaling rates of at least 250 Mbps, and the devices
operate from a single supply (typically at 3.3 V) in a
20-pin TSSOP package designed for easy PCB
layout.
The SN65LVDT14 and SN65LVDT41 provide
general-purpose, asymmetric, bidirectional
communication with the added benefit of high noise
immunity, low electromagnetic interference (EMI),
and increased cable length through the use of LVDS
lines. The SN65LVDT14 and SN65LVDT41 are
primarily used for SPI over LVDS applications.
The SN65LVDT14 combines one LVDS line driver
with four terminated LVDS line receivers in one
package. The SN65LVDT14 can be used to extend
asymmetric, bidirectional interfaces such as SPI over
long distances, and should be located at the SPI
slave.
The SN65LVDT41 combines four LVDS line drivers
with a single terminated LVDS line receiver in one
package. The SN65LVDT41 can be used to extend
asymmetric, bidirectional interfaces such as SPI over
long distances, and should be located at the SPI
master.




Similar Part No. - SN65LVDT14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14 Datasheet
129Kb / 14P
MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI-SN65LVDT14 Datasheet
367Kb / 16P
MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI1-SN65LVDT14 Datasheet
805Kb / 19P
Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI2-SN65LVDT14 Datasheet
1Mb / 36P
SN65LVDTxx multi-channel LVDS transceivers SN65LVDT14—One LVDS driver plus four LVDS receivers SN65LVDT41—Four LVDS drivers plus one LVDS receiver
REVISED FEBRUARY 2019
SN65LVDT14-EP TI1-SN65LVDT14-EP Datasheet
805Kb / 19P
Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results


Similar Description - SN65LVDT14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
Multipoint-LVDS (M-LVDS) Transceivers
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
LVDS Receiver/Driver
logo
Integrated Device Techn...
8V34S204 IDT-8V34S204 Datasheet
728Kb / 22P
Four differential LVDS output pairs
ICS8S89832I IDT-ICS8S89832I Datasheet
712Kb / 16P
Four differential LVDS output pairs
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
Four differential LVDS outputs
ICS854S057BI IDT-ICS854S057BI Datasheet
767Kb / 15P
One LVDS output pair
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
One differential LVDS output pair
ICS8543I IDT-ICS8543I Datasheet
290Kb / 17P
Four differential LVDS output pairs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com