Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVPE501 Datasheet (PDF) - Texas Instruments

SN65LVPE501 Datasheet PDF - Texas Instruments
Part # SN65LVPE501
Download  SN65LVPE501 Download
File Size   2187.72 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel x1 PCIe Redriver/Equalizer

SN65LVPE501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVPE501 Datasheet PDF - Texas Instruments

Part # SN65LVPE501
Download  SN65LVPE501 Click to download

File Size   2187.72 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel x1 PCIe Redriver/Equalizer

SN65LVPE501 Datasheet (HTML) - Texas Instruments


SN65LVPE501 Product details

1FEATURES
• Single Lane PCIe Equalizer/Redriver
• Support for Both PCIe Gen I (2.5Gbps) and
Gen II (5.0 Gbps) Speed
• Selectable Equalization, De-emphasis and
Output Swing Control
• Integrated Termination
• Hot-Plug Capable
• Receiver Detect
• Low Power:
– 330mW(TYP), VCC = 3.3V
• Auto Low Power Modes:
– 5mW (TYP) When no Connection Detected
– 70mW (TYP) When in Auto-Low Power
Mode
• Excellent Jitter and Loss Compensation
Capability:
– 30" of 6 mil Stripline on FR4
• Small Foot Print – 24 Pin 4 × 4 QFN Package
• High Protection Against ESD Transient
– HBM: 3,000 V
– CDM: 1,500 V
– MM: 200 V

APPLICATIONS
• PC MB, Docking Stations, Backplane and
Cabled Application

DESCRIPTION
The SN65LVPE501 is a dual channel, single lane PCIe redriver and signal conditioner supporting data rates of
up to 5.0Gbps. The device complies with PCIe spec revision 2.1.
Programmable EQ, De-Emphasis and Amplitude Swing
The SN65LVPE501 is designed to minimize the signal degradation effects such as crosstalk and inter-symbol
interference (ISI) that limits the interconnect distance between two devices. The input stage of each channel
offers selectable equalization settings that can be programmed to match loss in the channel. The differential
outputs provide selectable de-emphasis to compensate for the anticipated distortion PCIe signal will experience.
Level of de-emphasis will depend on the length of interconnect and its characteristics. Both equalization and deemphasis
levels are controlled by the setting of signal control pins EQ1, EQ2 and DE1, DE2.
To provide additional control of signal integrity in extended backplane applications LVPE501 provides
independent output amplitude control for each channel. See Table 2 for setting details.
Device PowerOn
Device initiates internal power-on reset after VCC has stabilized. External reset can also be applied at anytime by
toggling RST pin. External reset is recommended after every device power-up. When RST is driven high, the
device samples the state of EN_RXD, if it is set H device enters Rx.Detect state where each channel will perform
Rx.Detect function (as described in PCIe spec). If EN_RXD is set L, automatic RX detect function is disabled and
both channels are enabled with their termination set to ZDC_RX.
Receiver Detection
While EN_RXD pin is H and device is not in sleep mode (RST is H), SN65LVPE501 performs RX.Detect on both
channels indefinitely until remote termination is detected on both channels. Automatic Rx detection feature can
be forced off by driving EN_RXD low. In this state both channels input termination are set to ZDC_RX.




Similar Part No. - SN65LVPE501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE501RGER TI1-SN65LVPE501RGER Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE501RGET TI1-SN65LVPE501RGET Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
More results


Similar Description - SN65LVPE501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
logo
Maxim Integrated Produc...
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
logo
Texas Instruments
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE504 TI1-SN65LVPE504_13 Datasheet
3Mb / 20P
Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com