Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS-120 Datasheet (PDF) - Premium PSU

CLS-120 Datasheet PDF - Premium PSU
Part # CLS-120
Download  CLS-120 Download
File Size   830.03 Kbytes
Page   8 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description CLS-120

CLS-120 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLS-120 Datasheet PDF - Premium PSU

Part # CLS-120
Download  CLS-120 Click to download

File Size   830.03 Kbytes
Page   8 Pages
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU
Description CLS-120

CLS-120 Datasheet (HTML) - Premium PSU


CLS-120 Product details

GENERAL FEATURES:
Class S2 (hold-up time 10ms)
according to EN50155
Fire and smoke: EN45545-2 approved
High input-output isolation
Optional ORing
Standard size Eurocard 3U available
Adjustable output voltage
Input voltage OK LED
Output voltage presence LED
Remote sensing
Remote inhibit
Power fail




Similar Part No. - CLS-120

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS-12 SUMIDA-CLS-12 Datasheet
128Kb / 1P
General Power Transformer
logo
GREEGOO Electric Co.,Lt...
CLS-121 GREEGOO-CLS-121 Datasheet
1Mb / 3P
CLS Limit switch
CLS-127 GREEGOO-CLS-127 Datasheet
1Mb / 3P
CLS Limit switch
More results


Similar Description - CLS-120

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
120 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
120 Watts
logo
Sumida Corporation
CLS8D28 SUMIDA-CLS8D28 Datasheet
140Kb / 1P
2 in 1 Power Transformer < SMD Type: CLS Series>
CLS4D28 SUMIDA-CLS4D28 Datasheet
161Kb / 2P
Power Inductor & 2 in 1 Transformer < CLS Series>
CLS62 SUMIDA-CLS62 Datasheet
125Kb / 1P
2 in 1 Power Transformer < SMD Type: CLS Series>
CLS8D28 SUMIDA-CLS8D28_1 Datasheet
42Kb / 2P
Power Inductor & 2 in 1 Transformer < CLS Series>
CLS6D28 SUMIDA-CLS6D28_1 Datasheet
142Kb / 1P
2 in 1 Power Transformer < SMD Type: CLS Series>
logo
List of Unclassifed Man...
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
120 x 120 x 38 MM SERIES
logo
GREEGOO Electric Co.,Lt...
CLS-101 GREEGOO-CLS-101 Datasheet
1Mb / 3P
CLS Limit switch
logo
TRACO Electronic AG
TIB080 TRACOPOWER-TIB080 Datasheet
2Mb / 6P
TIB 120-112EX TIB 120-124EX TIB 120-148EX
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com