Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSG1001MX Datasheet (PDF) - ON Semiconductor

NSG1001MX Datasheet PDF - ON Semiconductor
Part # NSG1001MX
Download  NSG1001MX Download
File Size   230.33 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF SPDT Switch MMIC

NSG1001MX Datasheet (PDF)

Go To PDF Page Download Datasheet
NSG1001MX Datasheet PDF - ON Semiconductor

Part # NSG1001MX
Download  NSG1001MX Click to download

File Size   230.33 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF SPDT Switch MMIC

NSG1001MX Datasheet (HTML) - ON Semiconductor


NSG1001MX Product details

Features
• Broadband Frequency Range 0.1 to 8.5 GHz
• Capable of 1.6 V Operation
• Low Insertion Loss / High Isolation / Middle Power
• Small and Thin−sized Package − 1.0 x 1.0 x 0.43 mm
• Wettable Flank Package for Optimal Automated Optical Inspection (AOI)
• NSV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• IEEE802.11 a/b/g/n/ac/ax WLAN, Bluetooth® Systems
• LTE & Wireless Communication Applications
• Automotive V2X and E−TOLL Applications




Similar Part No. - NSG1001MX

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NSG-1 DBLECTRO-NSG-1 Datasheet
48Kb / 2P
Stable electronic timing
NSG-1AZ DBLECTRO-NSG-1AZ Datasheet
48Kb / 2P
Stable electronic timing
NSG-2 DBLECTRO-NSG-2 Datasheet
48Kb / 2P
Stable electronic timing
NSG-2AZ DBLECTRO-NSG-2AZ Datasheet
48Kb / 2P
Stable electronic timing
logo
Nell Semiconductor Co.,...
NSGM100GB120AS NELLSEMI-NSGM100GB120AS Datasheet
2Mb / 6P
IGBT Module-Dual 100A/1200V IAP Package
More results


Similar Description - NSG1001MX

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1600KB2 NJRC-NJG1600KB2 Datasheet
67Kb / 5P
SPDT SWITCH GaAs MMIC
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
SPDT SWITCH GaAs MMIC
NJG1542HB3 NJRC-NJG1542HB3 Datasheet
147Kb / 7P
SPDT SWITCH GaAs MMIC
NJG1647HD3 NJRC-NJG1647HD3 Datasheet
345Kb / 11P
SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
SPDT SWITCH GaAs MMIC
NJG1533KB2 NJRC-NJG1533KB2 Datasheet
133Kb / 11P
SPDT SWITCH GaAs MMIC
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com