Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G07 Datasheet (PDF) - Texas Instruments

SN74AUP1G07 Datasheet PDF - Texas Instruments
Part # SN74AUP1G07
Download  SN74AUP1G07 Download
File Size   2417.8 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUP1G07 Low-Power Single Buffer/Driver With Open-Drain Outputs

SN74AUP1G07 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AUP1G07 Datasheet PDF - Texas Instruments

Part # SN74AUP1G07
Download  SN74AUP1G07 Click to download

File Size   2417.8 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AUP1G07 Low-Power Single Buffer/Driver With Open-Drain Outputs

SN74AUP1G07 Datasheet (HTML) - Texas Instruments


SN74AUP1G07 Product details

1 Features
1• Available in the Ultra Small 0.64 mm2 Package
(DPW) with 0.5-mm Pitch
• Low Static-Power Consumption
(ICC = 0.9 μA Maximum)
• Low Dynamic-Power Consumption
(Cpd = 1 pF Typical at 3.3 V)
• Low Input Capacitance (Ci = 1.5 pF Typical)
• Low Noise – Overshoot and Undershoot
<10% of VCC
• Ioff Supports Live Insertion, Partial-Power-Down Mode, and Back-Drive Protection
• Input Hysteresis Allows Slow Input Transition and
Better Switching Noise Immunity at the Input
(Vhys = 250 mV Typ at 3.3 V)
• Wide Operating VCC Range of 0.8 V to 3.6 V
• Optimized for 3.3-V Operation
• 3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
• tpd = 3.3 ns Maximum at 3.3 V
• Suitable for Point-to-Point Applications
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model (A114-B, Class II)
– 1000-V Charged-Device Model (C101)

2 Applications
• ATCA Solutions
• Active Noise Cancellation (ANC)
• Barcode Scanner
• Blood Pressure Monitor
• CPAP Machine
• Cable Solutions
• DLP 3D Machine Vision, Hyperspectral Imaging,
Optical Networking, and Spectroscopy
• E-Book
• Embedded PC
• Field Transmitter: Temperature or Pressure
Sensor
• Fingerprint Biometrics
• HVAC: Heating, Ventilating, and Air Conditioning
• Network-Attached Storage (NAS)
• Server Motherboard and PSU
• Software Defined Radio (SDR)
• TV: High-Definition (HDTV), LCD, and Digital
• Video Communications System
• Wireless Data Access Card, Headset, Keyboard,
Mouse, and LAN Card
• X-ray: Baggage Scanner, Medical, and Dental

3 Description
The SN74AUP1G07 device is a single buffer gate with open drain output that operates from 0.8 V to
3.6 V.




Similar Part No. - SN74AUP1G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
975Kb / 21P
LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07 Datasheet
1Mb / 34P
Low-Power Single Buffer/Driver With Open-Drain Outputs
logo
TECH PUBLIC Electronics...
SN74AUP1G07 TECHPUBLIC-SN74AUP1G07 Datasheet
5Mb / 10P
LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74AUP1G07DBVR TI-SN74AUP1G07DBVR Datasheet
286Kb / 12P
LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Similar Description - SN74AUP1G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
Low-Power Single Buffer/Driver With Open-Drain Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com