Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH2T45 Datasheet (PDF) - Texas Instruments

SN74AVCH2T45 Datasheet PDF - Texas Instruments
Part # SN74AVCH2T45
Download  SN74AVCH2T45 Download
File Size   1212.15 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVCH2T45 2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs

SN74AVCH2T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVCH2T45 Datasheet PDF - Texas Instruments

Part # SN74AVCH2T45
Download  SN74AVCH2T45 Click to download

File Size   1212.15 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVCH2T45 2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs

SN74AVCH2T45 Datasheet (HTML) - Texas Instruments


SN74AVCH2T45 Product details

1 Features
• Available in the Texas Instruments NanoFree™
Package
• VCC Isolation
• 2-Rail Design
• I/Os are 4.6V Tolerant
• Partial Power-Down-Mode Operation
• Bus Hold on Data Inputs
• Maximum Data Rates
– 500Mbps (1.8V to 3.3V)
– 320Mbps (< 1.8V to 3.3V)
– 320Mbps (Level-Shifting to 2.5V or 1.8V)
– 280Mbps (Level-Shifting to 1.5V)
– 240Mbps (Level-Shifting to 1.2V)
• Latch-Up Performance Exceeds 100mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22

2 Applications
• Smartphone
• Servers
• Desktop PCs and Notebooks
• Other Portable Devices

3 Description
This 2-bit non-inverting bus transceiver uses two
separate configurable power-supply rails. The A ports
are designed to track VCCA and accepts any supply
voltage from 1.2V to 3.6V. The B ports are designed
to track VCCB and accepts any supply voltage from
1.2V to 3.6V. This allows for universal low-voltage
bidirectional translation and level-shifting between any
of the 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V voltage nodes.
The SN74AVCH2T45 is designed for asynchronous
communication between two data buses. The logic
levels of the direction-control (DIR pin) input activate
either the B-port outputs or the A-port outputs. The
device transmits data from the A bus to the B bus
when the B-port outputs are activated and from
the B bus to the A bus when the A-port outputs
are activated. The SN74AVCH2T45 features active
bus-hold circuitry, which holds unused or un-driven
inputs at a valid logic state. TI does not recommend
using pull-up or pull-down resistors with the bus-hold
circuitry.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down. The VCC
isolation feature ensures that if either VCC input is at
GND, then both outputs are in the high-impedance
state. The bus-hold circuitry on the powered-up side
always stays active.
Active bus-hold circuitry holds unused or un-driven
inputs at a valid logic state. NanoFree package
technology is a major breakthrough in IC packaging
concepts, using the die as the package.




Similar Part No. - SN74AVCH2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45 TI-SN74AVCH2T45 Datasheet
418Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45 Datasheet
640Kb / 24P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI1-SN74AVCH2T45 Datasheet
1Mb / 33P
2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
SN74AVCH2T45DCTR TI-SN74AVCH2T45DCTR Datasheet
418Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTR TI-SN74AVCH2T45DCTR Datasheet
640Kb / 24P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Similar Description - SN74AVCH2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
2-Supply, Bus Transceiver with Configurable Level-Shifting
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
SN74AXC2T245 TI1-SN74AXC2T245 Datasheet
331Kb / 26P
SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AVC32T245 TI1-SN74AVC32T245_V01 Datasheet
1Mb / 30P
SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
SN74LXC8T245 TI-SN74LXC8T245 Datasheet
1Mb / 35P
SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
SN74LXC8T245 TI-SN74LXC8T245_V01 Datasheet
1Mb / 36P
SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com