Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3125DGVR Datasheet (PDF) - Texas Instruments

SN74CB3Q3125DGVR Datasheet PDF - Texas Instruments
Part # SN74CB3Q3125DGVR
Download  SN74CB3Q3125DGVR Download
File Size   1586.13 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3Q3125 Quadruple FET Bus Switch 2.5-V/3.3-V Low-Voltage, High-Bandwidth Bus Switch

SN74CB3Q3125DGVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CB3Q3125DGVR Datasheet PDF - Texas Instruments

Part # SN74CB3Q3125DGVR
Download  SN74CB3Q3125DGVR Click to download

File Size   1586.13 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3Q3125 Quadruple FET Bus Switch 2.5-V/3.3-V Low-Voltage, High-Bandwidth Bus Switch

SN74CB3Q3125DGVR Datasheet (HTML) - Texas Instruments


SN74CB3Q3125DGVR Product details

1 Features
1• High-Bandwidth Data Path (up to 500 MHz(1))
• 5-V Tolerant I/Os With Device Powered Up
or Powered Down
• Low and Flat ON-State Resistance (ron)
Characteristics Over Operating Range
(ron = 3 Ω Typ)
• Rail-to-Rail Switching on Data I/O Ports
– 0-V to 5-V Switching With 3.3-V VCC
– 0-V to 3.3-V Switching With 2.5-V VCC
• Bidirectional Data Flow With Near-Zero
Propagation Delay
• Low Input and Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 4 pF Typ)
• Fast Switching Frequency (f OE = 20 MHz Max)
• Data and Control Inputs Provide Undershoot
Clamp Diodes
• Low Power Consumption
(ICC = 0.3 mA Typ)
• VCC Operating Range From 2.3 V to 3.6 V
• Data I/Os Support 0-V to 5-V Signaling Levels
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
• Control Inputs Can Be Driven by TTL,
5-V, or 3.3-V CMOS Outputs
• Ioff Supports Partial-Power-Down Mode Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
• Supports Both Digital and Analog Applications:
USB Interface, Differential Signal Interface, Bus
Isolation, Low-Distortion Signal Gating
(1) For additional information regarding the performance
characteristics of the CB3Q family, refer to the TI application
report, CBT-C, CB3T, and CB3Q Signal-Switch Families
(SCDA008).

2 Applications
• IP Phones: Wired and Wireless
• Optical Modules
• Optical Networking: Video Over Fiber and EPON
• Private Branch Exchange (PBX)
• WiMAX and Wireless Infrastructure Equipment

3 Description
The SN74CB3Q3125 device is a high-bandwidth FET
bus switch that uses a charge pump to elevate the
gate voltage of the pass transistor, thus providing a low and flat ON-state resistance (ron). The low and
flat ON-state resistance allows for minimal
propagation delay and supports rail-to-rail switching
on the data input/output (I/O) ports. The
SN74CB3Q3125 device also features low data I/O
capacitance to minimize capacitive loading and signal
distortion on the data bus.




Similar Part No. - SN74CB3Q3125DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3125DGVR TI-SN74CB3Q3125DGVR Datasheet
306Kb / 1P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3125DGVR TI1-SN74CB3Q3125DGVR Datasheet
1Mb / 26P
Quadruple FET Bus Switch
More results


Similar Description - SN74CB3Q3125DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3125 TI-SN74CB3Q3125 Datasheet
306Kb / 1P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305_09 Datasheet
457Kb / 13P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306ADCUR TI-SN74CB3Q3306ADCUR Datasheet
771Kb / 15P
Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com