Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3245 Datasheet (PDF) - Texas Instruments

SN74CB3T3245 Datasheet PDF - Texas Instruments
Part # SN74CB3T3245
Download  SN74CB3T3245 Download
File Size   1353.09 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3245 8-Bit FET Bus Switch 2.5V and 3.3V Low-Voltage With 5V-Tolerant Level Shifter

SN74CB3T3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CB3T3245 Datasheet PDF - Texas Instruments

Part # SN74CB3T3245
Download  SN74CB3T3245 Click to download

File Size   1353.09 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3245 8-Bit FET Bus Switch 2.5V and 3.3V Low-Voltage With 5V-Tolerant Level Shifter

SN74CB3T3245 Datasheet (HTML) - Texas Instruments


SN74CB3T3245 Product details

1 Features
• Standard '245-type pinout
• Output voltage translation tracks VCC
• Supports mixed-mode signal operation on all data
I/O ports
– 5V Input down to 3.3V output level shift with
3.3V VCC
– 5V/3.3V input down to 2.5V output level shift
with 2.5V VCC
• 5V-tolerant I/Os with device powered up or
powered down
• Bidirectional data flow with near-zero propagation
delay
• Low ON-state resistance (ron) characteristics (ron =
5Ω typical)
• Low Input, output capacitance minimizes loading
(Cio(OFF) = 5pF typical)
• Data and control inputs provide undershoot clamp
diodes
• Low power consumption (ICC = 40μA maximum)
• VCC operating range from 2.3V to 3.6V
• Data I/Os support 0 to 5V signaling levels (0.8V,
1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5V)
• Control inputs can be driven by TTL or 5V/3.3V
CMOS outputs
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 250mA
per JESD 17
• ESD performance tested per JESD 22
– 2000V human-body model (A114-B, Class II)
– 1000V charged-device model (C101)
• Designed for low-power portable equipment

2 Applications
• Supports digital applications:
– Level translation
– PCI interface
– USB interface
– Memory interleaving
– Bus isolation

3 Description
The SN74CB3T3245 device is a high-speed, TTLcompatible,
8-bit FET bus switch with low ON-state
resistance (ron), allowing for minimal propagation
delay. The device fully supports mixed-mode signal
operation on all data I/O ports by providing voltage
translation that tracks VCC.




Similar Part No. - SN74CB3T3245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245 TI-SN74CB3T3245 Datasheet
307Kb / 14P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245 Datasheet
356Kb / 18P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245 Datasheet
476Kb / 17P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245 Datasheet
512Kb / 18P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245DBQR TI-SN74CB3T3245DBQR Datasheet
307Kb / 14P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
More results


Similar Description - SN74CB3T3245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
SN74CB3T3384 TI-SN74CB3T3384 Datasheet
345Kb / 15P
10-BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE BUS SWITCH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245_07 Datasheet
356Kb / 18P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3383 TI-SN74CB3T3383 Datasheet
401Kb / 19P
10-BIT FET BUS-EXCHANGE SWITCH 2.5V/3.3-V LOW-VOLTAGE BUSSWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245_08 Datasheet
476Kb / 17P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245_10 Datasheet
512Kb / 18P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com