Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3253 Datasheet (PDF) - Texas Instruments

SN74CB3T3253 Datasheet PDF - Texas Instruments
Part # SN74CB3T3253
Download  SN74CB3T3253 Download
File Size   1235.33 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3253 Dual 1-of-4 FET Multiplexer/Demutiplexer 2.5V/3.3V Low-voltage Bus Switch With 5V Tolerant Level Shifter

SN74CB3T3253 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CB3T3253 Datasheet PDF - Texas Instruments

Part # SN74CB3T3253
Download  SN74CB3T3253 Click to download

File Size   1235.33 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CB3T3253 Dual 1-of-4 FET Multiplexer/Demutiplexer 2.5V/3.3V Low-voltage Bus Switch With 5V Tolerant Level Shifter

SN74CB3T3253 Datasheet (HTML) - Texas Instruments


SN74CB3T3253 Product details

1 Features
• Output voltage translation tracks VCC
• Supports mixed-mode signal operation on all data
I/O ports
– 5V input down to 3.3V output level shift with
3.3V VCC
– 5V/3.3V input down to 2.5V output level shift
with 2.5V VCC
• 5V tolerant I/Os with device powered up or
powered down
• Bidirectional data flow with near-zero propagation
delay
• Low ON-state resistance (ron) characteristics (ron =
5Ω typ)
• Low input/output capacitance minimizes loading
(Cio(OFF) = 5pF typ)
• Data and control inputs provide undershoot clamp
diodes
• Low power consumption (ICC = 20μA max)
• VCC operating range from 2.3V to 3.6V
• Data I/Os support 0V to 5V signaling levels (0.8V,
1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5V)
• Control inputs can be driven by TTL or 5V/3.3V
CMOS outputs
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 250mA per JESD
17
• ESD performance tested per JESD 22
– 2000V human-body model (A114-B, Class II)
– 1000V charged-device model (C101)

2 Applications
• Supports digital applications:
– Level translation
– USB interface
– Memory interleaving
– Bus isolation
• Designed for low-power portable equipment

3 Description
The SN74CB3T3253 is a high-speed TTL-compatible
FET multiplexer/demultiplexer with low ON-state
resistance (ron), allowing for minimal propagation
delay. The device fully supports mixed-mode signal
operation on all data I/O ports by providing voltage
translation that tracks VCC. The SN74CB3T3253
supports systems using 5V TTL, 3.3V LVTTL, and
2.5V CMOS switching standards, as well as userdefined
switching levels (see Typical DC Voltage-
Translation Characteristics).
This device is fully specified for partial-power-down
applications using Ioff. The Ioff feature establishes
that damaging current does not backflow through the
device when it is powered down. The device has
isolation during power off.




Similar Part No. - SN74CB3T3253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253D TI-SN74CB3T3253D Datasheet
290Kb / 14P
DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253D TI-SN74CB3T3253D Datasheet
709Kb / 19P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253D TI1-SN74CB3T3253D Datasheet
727Kb / 20P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI-SN74CB3T3253DBQR Datasheet
290Kb / 14P
DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
More results


Similar Description - SN74CB3T3253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3T3257 TI-SN74CB3T3257 Datasheet
167Kb / 12P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI-SN74CB3T3384 Datasheet
345Kb / 15P
10-BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE BUS SWITCH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3383 TI-SN74CB3T3383 Datasheet
401Kb / 19P
10-BIT FET BUS-EXCHANGE SWITCH 2.5V/3.3-V LOW-VOLTAGE BUSSWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI1-SN74CB3T1G125_15 Datasheet
854Kb / 16P
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com