Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1103233 Datasheet (PDF) - SICK AG

1103233 Datasheet PDF - SICK AG
Part # 1103233
Download  1103233 Download
File Size   943.21 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description INDUCTIVE PROXIMITY SENSORS

1103233 Datasheet (PDF)

Go To PDF Page Download Datasheet
1103233 Datasheet PDF - SICK AG

Part # 1103233
Download  1103233 Click to download

File Size   943.21 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description INDUCTIVE PROXIMITY SENSORS

1103233 Datasheet (HTML) - SICK AG


1103233 Product details

Features
Housing Cylindrical thread design
Housing Short-body
Thread size M4 x 0.5
Diameter Ø 4 mm
Sensing range Sn 1 mm
Safe sensing range Sa 0.81 mm
Installation type Flush
Switching frequency 4,200 Hz
Connection type Cable, 3-wire, 2 m
Switching output NPN
Output function NO
Electrical wiring DC 3-wire
Enclosure rating IP67
Special features Visual adjustment indicator
Items supplied Mounting nut, V2A stainless steel (2x)
Washer, V2A stainless steel, with locking teeth (2x)
Cable flag, Polymatic 50 (1 x)




Similar Part No. - 1103233

ManufacturerPart #DatasheetDescription
logo
Heyco.
11032 HEYCO-11032 Datasheet
130Kb / 1P
PVC and Nylon LED Spacers
logo
Whirlpool.
1103200 WHIRLPOOL-1103200 Datasheet
1Mb / 36P
How to install, operate and maintain your Demand Controlled Water Softener
Rev. E 1/25/05
logo
PHOENIX CONTACT
1103205 PHOENIX-1103205 Datasheet
1Mb / 11P
SOL-SC-2ST-0-DC-4MPPT-1001SE - String combiner box (SCB)
logo
TE Connectivity Ltd
11032254-00 TEC-11032254-00 Datasheet
103Kb / 3P
SpO2 optical sensor component
More results


Similar Description - 1103233

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME08-1B5NOZT0K SICK-IME08-1B5NOZT0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-04BDSZY2K SICK-IME12-04BDSZY2K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-10NPSZW2S SICK-IME12-10NPSZW2S Datasheet
984Kb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-12BPOZC0S SICK-IME18-12BPOZC0S Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-12BPSZC0K SICK-IME18-12BPSZC0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-20NPOZC0S SICK-IME18-20NPOZC0S Datasheet
1Mb / 7P
INDUCTIVE PROXIMITY SENSORS
IME30-15BDOZY2S SICK-IME30-15BDOZY2S Datasheet
3Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-02BPSZW5S SICK-IME12-02BPSZW5S Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com