Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G08 Datasheet (PDF) - Texas Instruments

SN74LVC1G08 Datasheet PDF - Texas Instruments
Part # SN74LVC1G08
Download  SN74LVC1G08 Download
File Size   2434.55 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G08 Single 2-Input Positive-AND Gate

SN74LVC1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G08 Datasheet PDF - Texas Instruments

Part # SN74LVC1G08
Download  SN74LVC1G08 Click to download

File Size   2434.55 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G08 Single 2-Input Positive-AND Gate

SN74LVC1G08 Datasheet (HTML) - Texas Instruments


SN74LVC1G08 Product details

1 Features
• Available in the Ultra Small 0.64-mm2
Package (DPW) With 0.5-mm Pitch
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Provides Down Translation to VCC
• Max tpd of 3.6 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• ATCA Solutions
• Active Noise Cancellation (ANC)
• Barcode Scanner
• Blood Pressure Monitor
• CPAP Machine
• Cable Solutions
• DLP 3D Machine Vision, Hyperspectral Imaging,
Optical Networking, and Spectroscopy
• E-Book
• Embedded PC
• Field Transmitter: Temperature or Pressure
Sensor
• Fingerprint Biometrics
• HVAC: Heating, Ventilating, and Air Conditioning
• Network-Attached Storage (NAS)
• Server Motherboard and PSU
• Software Defined Radio (SDR)
• TV: High-Definition (HDTV), LCD, and Digital
• Video Communications System
• Wireless Data Access Card, Headset, Keyboard,
Mouse, and LAN Card
• X-ray: Baggage Scanner, Medical, and Dental

Y = A • B or Y = A + B
3 Description
This single 2-input positive-AND gate is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC1G08 device performs the Boolean
function or in positive logic.
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
VCC operating range.
The SN74LVC1G08 is available in a variety of
packages, including the ultra-small DPW package
with a body size of 0.8 mm × 0.8 mm.




Similar Part No. - SN74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
119Kb / 16P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
737Kb / 18P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
737Kb / 18P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI1-SN74LVC1G08 Datasheet
2Mb / 48P
Single 2-Input Positive-AND Gate
More results


Similar Description - SN74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 2
logo
Texas Instruments
SN74LVC1G08 TI1-SN74LVC1G08_16 Datasheet
1Mb / 38P
SN74LVC1G08 Single 2-Input Positive-AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com