Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G14DBVRG4.B Datasheet (PDF) - Texas Instruments

SN74LVC1G14DBVRG4.B Datasheet PDF - Texas Instruments
Part # SN74LVC1G14DBVRG4.B
Download  SN74LVC1G14DBVRG4.B Download
File Size   2977.54 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G14 Single Schmitt-Trigger Inverter

SN74LVC1G14DBVRG4.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G14DBVRG4.B Datasheet PDF - Texas Instruments

Part # SN74LVC1G14DBVRG4.B
Download  SN74LVC1G14DBVRG4.B Click to download

File Size   2977.54 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G14 Single Schmitt-Trigger Inverter

SN74LVC1G14DBVRG4.B Datasheet (HTML) - Texas Instruments


SN74LVC1G14DBVRG4.B Product details

1 Features
• Latch-up performance exceeds 100mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 2000V human-body model (A114-A)
– 200V machine model (A115-A)
– 1000V charged-device model (C101)
• Available in the Texas Instruments NanoFree™
package
• Supports 5V VCC operation
• Inputs accept voltages to 5.5V
• Maximum tpd of 4.6ns at 3.3V
• Low power consumption, 10μA maximum ICC
• ±24mA output drive at 3.3V
• Ioff supports partial-power-down mode operation

2 Applications
• AV receiver
• Audio dock: portable
• Blu-ray player and home theater
• Embedded PC
• MP3 player/recorder (portable audio)
• Personal Digital Assistant (PDA)
• Power: telecom/server AC/DC supply: single
controller: analog and digital
• Solid State Drive (SSD): client and enterprise
• TV: LCD/Digital and High-Definition (HDTV)
• Tablet: enterprise
• Video analytics: server
• Wireless headset, keyboard, and mouse

3 Description
This single Schmitt-trigger inverter is designed for
1.65V to 5.5V VCC operation.
The SN74LVC1G14 device contains one inverter and
performs the Boolean function Y = A. The device
functions as an independent inverter with Schmitttrigger
inputs, so the device has different input
threshold levels for positive-going (VT+) and negativegoing
(VT–) signals to provide hysteresis (ΔVT) which
makes the device tolerant to slow or noisy input
signals.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs when the device is powered down.
This inhibits current backflow into the device which
prevents damage to the device.




Similar Part No. - SN74LVC1G14DBVRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G14DBVRG4 TI-SN74LVC1G14DBVRG4 Datasheet
527Kb / 18P
SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DBVRG4 TI-SN74LVC1G14DBVRG4 Datasheet
780Kb / 19P
SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14DBVRG4 TI-SN74LVC1G14DBVRG4 Datasheet
1Mb / 26P
SN74LVC1G14MDCKREP
SN74LVC1G14DBVRG4 TI1-SN74LVC1G14DBVRG4 Datasheet
1Mb / 27P
SN74LVC1G14 Single Schmitt-Trigger Inverter
SN74LVC1G14DBVRG4 TI1-SN74LVC1G14DBVRG4 Datasheet
1Mb / 33P
Single Schmitt-Trigger Inverter
More results


Similar Description - SN74LVC1G14DBVRG4.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
Single Schmitt-Trigger Inverter
SN74LVC1G14-Q1 TI1-SN74LVC1G14-Q1 Datasheet
818Kb / 20P
SN74LVC1G14-Q1 Single Schmitt-Trigger Inverter
SN74LVC1G14 TI1-SN74LVC1G14_16 Datasheet
1Mb / 27P
SN74LVC1G14 Single Schmitt-Trigger Inverter
SN74LVC1G14-Q1 TI1-SN74LVC1G14-Q1_V01 Datasheet
1Mb / 20P
SN74LVC1G14-Q1 Single Schmitt-Trigger Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com