Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G126YZPR.B Datasheet (PDF) - Texas Instruments

SN74LVC1G126YZPR.B Datasheet PDF - Texas Instruments
Part # SN74LVC1G126YZPR.B
Download  SN74LVC1G126YZPR.B Download
File Size   2165.06 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G126 Single Bus Buffer Gate With 3-State Output

SN74LVC1G126YZPR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G126YZPR.B Datasheet PDF - Texas Instruments

Part # SN74LVC1G126YZPR.B
Download  SN74LVC1G126YZPR.B Click to download

File Size   2165.06 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G126 Single Bus Buffer Gate With 3-State Output

SN74LVC1G126YZPR.B Datasheet (HTML) - Texas Instruments


SN74LVC1G126YZPR.B Product details

1 Features
1• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Provides Down Translation to VCC
• Max tpd of 3.7 ns at 3.3 V
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model
– 200-V Machine Model
– 1000-V Charged-Device Model

2 Applications
• Cable Modem Termination Systems
• High-Speed Data Acquisition and Generation
• Military: Radars and Sonars
• Motor Controls: High-Voltage
• Power Line Communication Modems
• SSDs: Internal or External
• Video Broadcasting and Infrastructure: Scalable
Platforms
• Video Broadcasting: IP-Based Multi-Format
Transcoders
• Video Communication Systems

3 Description
This single buffer is designed for 1.65-V to 3.6-V VCC
operation. The LVC1G126 device is a single line
driver with 3-state output. The output is disabled
when the output-enable input is low.




Similar Part No. - SN74LVC1G126YZPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G126YZPR TI-SN74LVC1G126YZPR Datasheet
470Kb / 18P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126YZPR TI1-SN74LVC1G126YZPR Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
More results


Similar Description - SN74LVC1G126YZPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
SN74LVC1G126-Q1 TI1-SN74LVC1G126-Q1_V01 Datasheet
1Mb / 22P
SN74LVC1G126-Q1 Single Bus Buffer Gate With 3-State Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com