Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G57DCK Datasheet (PDF) - Texas Instruments

SN74LVC1G57DCK Datasheet PDF - Texas Instruments
Part # SN74LVC1G57DCK
Download  SN74LVC1G57DCK Download
File Size   2016.17 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G57 Configurable Multiple-Function Gate

SN74LVC1G57DCK Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G57DCK Datasheet PDF - Texas Instruments

Part # SN74LVC1G57DCK
Download  SN74LVC1G57DCK Click to download

File Size   2016.17 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G57 Configurable Multiple-Function Gate

SN74LVC1G57DCK Datasheet (HTML) - Texas Instruments


SN74LVC1G57DCK Product details

1 Features
1• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
– Supports Down Translation to VCC
• Max tpd of 6.3 ns at 3.3 V
• Schmitt-Triggered Inputs
• Low Power Consumption, 10-μA Maximum ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Available in the Texas Instruments
NanoFree™ Package

2 Applications
• Active Noise Cancellation (ANC)
• Barcode Scanners
• Blood Pressure Monitors
• CPAP Machines
• Cable Solutions
• Embedded PCs
• Field Transmitter: Temperature or Pressure
Sensors
• HVAC: Heating, Ventilating, and Air Conditioning
• TVs: High-Definition (HDTV), LCD, and Digital
• Video Communications Systems

3 Description
The SN74LVC1G57 device features configurable
multiple functions. The output state is determined by
eight patterns of 3-bit input. The user can choose the
logic functions AND, OR, NAND, NOR, XNOR,
inverter, and buffer. All inputs can be connected to
VCC or GND.
This device functions as an independent gate, but
because of Schmitt action, it may have different input
threshold levels for positive-going (VT+) and negativegoing
(VT–) signals.
This configurable multiple-function gate is designed
for 1.65-V to 5.5-V VCC operation.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - SN74LVC1G57DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G57DCKR TI-SN74LVC1G57DCKR Datasheet
304Kb / 14P
CONFIGURABLE MULTIPLE FUNCTION GATE
SN74LVC1G57DCKR TI1-SN74LVC1G57DCKR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKRE4 TI1-SN74LVC1G57DCKRE4 Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKRG4 TI1-SN74LVC1G57DCKRG4 Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Similar Description - SN74LVC1G57DCK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com