Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27200 Datasheet (PDF) - Texas Instruments

UCC27200 Datasheet PDF - Texas Instruments
Part # UCC27200
Download  UCC27200 Download
File Size   2207.22 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2720x 120V, 3A/3A Half-Bridge Driver with 8V UVLO

UCC27200 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27200 Datasheet PDF - Texas Instruments

Part # UCC27200
Download  UCC27200 Click to download

File Size   2207.22 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2720x 120V, 3A/3A Half-Bridge Driver with 8V UVLO

UCC27200 Datasheet (HTML) - Texas Instruments


UCC27200 Product details

1 Features
• Drives two N-channel MOSFETs in high-side and
low-side configuration
• Negative voltage handling on HS (–5V)
• Maximum boot voltage of 120V
• Maximum VDD voltage of 20V
• On-chip 0.65V VF, 0.65Ω RD bootstrap diode
• 22ns propagation delay times
• 3A sink and 3A source output currents
• 8ns rise and 7ns fall time with 1000pF load
• 1ns delay matching
• Undervoltage lockout for high-side and low-side
driver
• Specified from –40°C to 150°C

2 Applications
• Solar power optimizers and micro inverters
• Telecom and merchant power supplies
• Online and offline UPS
• Energy storage systems
• Battery test equipment

3 Description
The UCC2720x family of high-frequency N-channel
MOSFET drivers include a 120V bootstrap diode
and high-side and low-side drivers with independent
inputs for maximum control flexibility. This allows
for N-channel MOSFET control in half-bridge, fullbridge,
two-switch forward, and active clamp forward
converters. The low-side and the high-side gate
drivers are independently controlled and matched to
1ns between the turnon and turnoff of each other.
An on-chip bootstrap diode eliminates the external
discrete diodes. Undervoltage lockout is provided for
both the high-side and the low-side drivers forcing the
outputs low if the drive voltage is below the specified
threshold.
Two versions of the UCC2720x are offered. The
UCC27200 has high noise immune CMOS input
thresholds while the UCC27201 has TTL compatible
thresholds.




Similar Part No. - UCC27200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
927Kb / 31P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200 Datasheet
1Mb / 37P
120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
More results


Similar Description - UCC27200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Infineon Technologies A...
IRS2007S INFINEON-IRS2007S Datasheet
2Mb / 20P
200-V half-bridge gate driver IC with VCC & VBS UVLO
April 23, 2020
IRS2008S INFINEON-IRS2008S Datasheet
2Mb / 21P
200-V half-bridge driver with shutdown and VCC & VBS UVLO
April, 23, 2020
logo
Texas Instruments
UCC27288 TI1-UCC27288 Datasheet
1Mb / 31P
UCC27288 2.5-A/3.5-A 120V Half-Bridge Driver with 8V UVLO and No Internal Boostrap Diode
UCC27288 TI1-UCC27288_V01 Datasheet
1Mb / 31P
UCC27288 2.5-A/3.5-A 120V Half-Bridge Driver with 8V UVLO and No Internal Boostrap Diode
logo
Shenzhen Huazhimei Semi...
HM5022 HMSEMI-HM5022 Datasheet
708Kb / 7P
16V/3A coil driver with integrated dual half bridge and quad power switch
logo
Monolithic Power System...
MP1922 MPS-MP1922 Datasheet
600Kb / 21P
100V, 3A, Single-Channel,Half-Bridge Pre-Driver IC
Rev. 1.0 9/10/2021
MPQ6610 MPS-MPQ6610 Datasheet
1Mb / 16P
55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
Rev. 1.0 11/20/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com