Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27523 Datasheet (PDF) - Texas Instruments

UCC27523 Datasheet PDF - Texas Instruments
Part # UCC27523
Download  UCC27523 Download
File Size   2989.17 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2752x Dual 5A High-Speed, Low-Side Gate Drivers

UCC27523 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27523 Datasheet PDF - Texas Instruments

Part # UCC27523
Download  UCC27523 Click to download

File Size   2989.17 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC2752x Dual 5A High-Speed, Low-Side Gate Drivers

UCC27523 Datasheet (HTML) - Texas Instruments


UCC27523 Product details

1 Features
• Industry-standard pinout
• Two independent gate-drive channels
• 5A peak source and sink-drive current
• Independent-enable function for each output
• TTL and CMOS compatible logic threshold
independent of supply voltage
• Hysteretic-logic thresholds for high noise immunity
• Inputs and enable pin-voltage levels not restricted
by VDD pin bias supply voltage
• 4.5V to 18V single-supply range
• Outputs held low during VDD-UVLO, (ensures
glitch-free operation at power up and power down)
• Fast propagation delays (13ns typical)
• Fast rise and fall times (7ns and 6ns typical)
• 1ns typical delay matching between two channels
• Two outputs are in parallel for higher drive current
• Outputs held low when inputs floating
• PDIP (8), SOIC (8), MSOP (8) PowerPAD™ and
3mm × 3mm WSON-8 package options
• Operating temperature range of –40°C to 140°C

2 Applications
• Switched-mode power supplies
• DC-DC converters
• Motor control, solar power
• Gate drive for emerging wide band-gap power
devices such as GaN

3 Description
The UCC2752x family of devices are dual-channel,
high-speed, low-side gate-driver devices capable
of effectively driving MOSFET and IGBT power
switches. Using a design that inherently minimizes
shoot-through current, UCC2752x can deliver highpeak
current pulses of up to 5A source and 5A
sink into capacitive loads along with rail-to-rail drive
capability and extremely small propagation delay
(typically 13ns). In addition, the drivers feature
matched internal propagation delays between the
two channels. These delays are very well suited for
applications requiring dual-gate drives with critical
timing, such as synchronous rectifiers. This also
enables connecting two channels in parallel to
effectively increase current-drive capability or driving
two switches in parallel with one input signal.
The input pin thresholds are based on TTL and
CMOS compatible low-voltage logic, which is fixed
and independent of the VDD supply voltage. Wide
hysteresis between the high and low thresholds offers
excellent noise immunity.




Similar Part No. - UCC27523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27523 TI1-UCC27523 Datasheet
1Mb / 41P
Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
2Mb / 43P
Industry-Standard Pinout
UCC27523D TI1-UCC27523D Datasheet
1Mb / 41P
Dual 5-A High-Speed Low-Side Gate Driver
UCC27523D TI1-UCC27523D Datasheet
1Mb / 31P
Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results


Similar Description - UCC27523

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
Dual 4A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
Dual 2A High-Speed, Low-Side Gate Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com